Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2045CH Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2045CH
Description  Power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2045CH Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2045CH Datasheet HTML 1Page - STMicroelectronics STPS2045CH Datasheet HTML 2Page - STMicroelectronics STPS2045CH Datasheet HTML 3Page - STMicroelectronics STPS2045CH Datasheet HTML 4Page - STMicroelectronics STPS2045CH Datasheet HTML 5Page - STMicroelectronics STPS2045CH Datasheet HTML 6Page - STMicroelectronics STPS2045CH Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This is information on a product in full production.
June 2012
Doc ID 023045 Rev 1
1/7
7
STPS2045CH
Power Schottky rectifier
Datasheet
− production data
Features
■
Very small conduction losses
■
Avalanche rated
■
Low forward voltage drop
■
High frequency operation
Description
This device is a dual diode Schottky rectifier,
suited to high frequency switch mode power
supply.
Packaged in IPAK, this device is intended to be
used in notebook, game station and desktop
adapters, providing in these applications a good
efficiency at both low and high load.
Figure 1.
Electrical characteristics(a)
a.
VARM and IARM must respect the reverse safe
operating area defined in Figure 8. VAR and IAR are
pulse measurements (tp < 10 µs). VR, IR, VRRM and
VF, are static characteristics
IF
2 x IO
IO
IR
IAR
VF(Io)
VTo
VF(2xIo)
VF
V
I
I
V
VR
VRRM
"Re ver se"
"Forwar d"
VAR
X
X
Table 1.
Device summary
Symbol
Value
IF(AV)
2 x 10 A
VRRM
45 V
Tj (max)
175 °C
VF (max)
0.57 V
A1
K
A2
K
A1
A2
IPAK
STPS2045CH
www.st.com


Similar Part No. - STPS2045CH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2045CH STMICROELECTRONICS-STPS2045CH Datasheet
228Kb / 9P
45 V power Schottky rectifier
27-Nov-2018
STPS2045CH STMICROELECTRONICS-STPS2045CH_V01 Datasheet
228Kb / 9P
45 V power Schottky rectifier
27-Nov-2018
More results

Similar Description - STPS2045CH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com