Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2150 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS2150
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2150 Datasheet(HTML) 2 Page - STMicroelectronics

  STPS2150_08 Datasheet HTML 1Page - STMicroelectronics STPS2150_08 Datasheet HTML 2Page - STMicroelectronics STPS2150_08 Datasheet HTML 3Page - STMicroelectronics STPS2150_08 Datasheet HTML 4Page - STMicroelectronics STPS2150_08 Datasheet HTML 5Page - STMicroelectronics STPS2150_08 Datasheet HTML 6Page - STMicroelectronics STPS2150_08 Datasheet HTML 7Page - STMicroelectronics STPS2150_08 Datasheet HTML 8Page - STMicroelectronics STPS2150_08 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STPS2150
2/9
1
Characteristics
To evaluate the conduction losses use the following equation: P = 0.59 x IF(AV) + 0.04 IF
2
(RMS)
Table 2.
Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
150
V
IF(AV)
Average forward current
SMA, SMAflat
TL = 145 °C δ = 0.5
2
A
DO-15
TL = 130 °C δ = 0.5
IFSM
Surge non repetitive forward
current
SMA, SMAflat
tp = 10 ms sinusoidal
75
A
DO-15
150
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25 °C
2400
W
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature(1)
175
°C
1.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
---------------
1
Rth j
a
()
--------------------------
<
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to lead
SMA, SMAflat
20
°C/W
Lead length = 10 mm
DO-15
30
Table 4.
Static electrical characteristics
Symbol
Parameter
Tests conditions
Min.
Typ
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
0.5
1.5
µA
Tj = 125 °C
0.5
1.5
mA
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 2 A
0.78
0.82
V
Tj = 125 °C
0.62
0.67
Tj = 25 °C
IF = 4 A
0.86
0.89
Tj = 125 °C
0.70
0.75
1.
tp = 5 ms, δ < 2%
2.
tp = 380 µs, δ < 2%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com