Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2150 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2150
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2150 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2150_08 Datasheet HTML 1Page - STMicroelectronics STPS2150_08 Datasheet HTML 2Page - STMicroelectronics STPS2150_08 Datasheet HTML 3Page - STMicroelectronics STPS2150_08 Datasheet HTML 4Page - STMicroelectronics STPS2150_08 Datasheet HTML 5Page - STMicroelectronics STPS2150_08 Datasheet HTML 6Page - STMicroelectronics STPS2150_08 Datasheet HTML 7Page - STMicroelectronics STPS2150_08 Datasheet HTML 8Page - STMicroelectronics STPS2150_08 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
September 2008
Rev 6
1/9
9
STPS2150
Power Schottky rectifier
Features
■ Negligible switching losses
■ Low forward voltage drop for higher efficiency
and extented battery life
■ Low thermal resistance
■ Surface mount miniature package
■ Avalanche capability specified
Description
150 V power Schottky rectifiers are suited for
switch mode power supplies on up to 24 V rails
and high frequency converters.
Packaged in SMA, SMA low profile, and axial, this
device is intended for use in consumer and
computer applications like TV, STB, PC and DVD
where low drop forward voltage is required to
reduce power dissipation.
Table 1.
Device summary
IF(AV)
2 A
VRRM
150 V
Tj (max)
175 °C
VF(max)
0.67 V
K
A
K
A
K
A
SMA
(JEDEC DO-214AC)
STPS2150A
DO-15
STPS2150
SMAflat
(JEDEC DO-221AC)
STPS2150AF
www.st.com


Similar Part No. - STPS2150_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2150 STMICROELECTRONICS-STPS2150_06 Datasheet
103Kb / 7P
Power Schottky rectifier
31-May-2006
More results

Similar Description - STPS2150_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com