Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2545CT-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2545CT-Y
Description  Automotive power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2545CT-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2545CT-Y Datasheet HTML 1Page - STMicroelectronics STPS2545CT-Y Datasheet HTML 2Page - STMicroelectronics STPS2545CT-Y Datasheet HTML 3Page - STMicroelectronics STPS2545CT-Y Datasheet HTML 4Page - STMicroelectronics STPS2545CT-Y Datasheet HTML 5Page - STMicroelectronics STPS2545CT-Y Datasheet HTML 6Page - STMicroelectronics STPS2545CT-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This is information on a product in full production.
June 2012
Doc ID 18183 Rev 2
1/7
7
STPS2545CT-Y
Automotive power Schottky rectifier
Datasheet
− production data
Features
■
Very small conduction losses
■
Negligible switching losses
■
Extremely fast switching
■
Low thermal resistance
■
Avalanche capability specified
■
AEC-Q101 qualified
Description
Dual center tab Schottky rectifier suited for switch
mode power supplies and high frequency DC to
DC converters.
This device is especially intended for use in low
voltage, high frequency inverters, free-wheeling
and polarity protection in automotive applications.
Table 1.
Device summary
Symbol
Value
IF(AV)
2 x 12.5 A
VRRM
45 V
Tj (max)
175 °C
VF(max)
0.57 V
A1
K
A2
K
A1
A2
TO-220AB
www.st.com


Similar Part No. - STPS2545CT-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2545CT STMICROELECTRONICS-STPS2545CT Datasheet
102Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2545CT STMICROELECTRONICS-STPS2545CT Datasheet
136Kb / 10P
Power Schottky rectifier
21-Jun-2010
STPS2545CT STMICROELECTRONICS-STPS2545CT Datasheet
464Kb / 11P
Power Schottky rectifier
12-May-2017
More results

Similar Description - STPS2545CT-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2H100-Y STMICROELECTRONICS-STPS2H100-Y Datasheet
112Kb / 9P
Automotive power Schottky rectifier
03-Dec-2010
STPS3L40-Y STMICROELECTRONICS-STPS3L40-Y Datasheet
81Kb / 7P
Automotive power Schottky rectifier
10-Mar-2011
STPS3L60-Y STMICROELECTRONICS-STPS3L60-Y Datasheet
87Kb / 7P
Automotive power Schottky rectifier
15-Sep-2011
STPS5L60-Y STMICROELECTRONICS-STPS5L60-Y Datasheet
187Kb / 7P
Automotive power Schottky rectifier
29-Mar-2012
STPS140-Y STMICROELECTRONICS-STPS140-Y Datasheet
103Kb / 9P
Automotive power Schottky rectifier
10-Dec-2010
STPS340-Y STMICROELECTRONICS-STPS340-Y Datasheet
99Kb / 8P
Automotive power Schottky rectifier
24-Oct-2012
STPS5L60SY STMICROELECTRONICS-STPS5L60SY Datasheet
187Kb / 7P
Automotive power Schottky rectifier
29-Mar-2012
STPS3150UY STMICROELECTRONICS-STPS3150UY Datasheet
95Kb / 7P
Automotive power Schottky rectifier
03-Nov-2011
STPS3L40SY STMICROELECTRONICS-STPS3L40SY Datasheet
91Kb / 7P
Automotive power Schottky rectifier
10-Mar-2011
STPS640C-Y STMICROELECTRONICS-STPS640C-Y Datasheet
198Kb / 8P
Automotive power Schottky rectifier
04-Dec-2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com