Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2545CT-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS2545CT-Y
Description  Automotive power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2545CT-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STPS2545CT-Y Datasheet HTML 1Page - STMicroelectronics STPS2545CT-Y Datasheet HTML 2Page - STMicroelectronics STPS2545CT-Y Datasheet HTML 3Page - STMicroelectronics STPS2545CT-Y Datasheet HTML 4Page - STMicroelectronics STPS2545CT-Y Datasheet HTML 5Page - STMicroelectronics STPS2545CT-Y Datasheet HTML 6Page - STMicroelectronics STPS2545CT-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STPS2545CT-Y
Characteristics
Doc ID 18183 Rev 2
3/7
Figure 1.
Conduction losses versus average
current
Figure 2.
Average forward current versus
ambient temperature (
δ = 0.5)
0
1
2
3
4
5
6
7
8
9
10
0.0
2.5
5.0
7.5
10.0
12.5
15.0
I
(A)
F(AV)
δ = 0.05 δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
P
(W)
F(AV)
T
δ=tp/T
tp
0
2
4
6
8
10
12
14
0
25
50
75
100
125
150
175
T
(°C)
amb
Rth
(j-a)=Rth(j-c)
Rth
(j-a)=50°C/W
I
(A)
F(AV)
T
δ=tp/T
tp
Figure 3.
Normalized avalanche power
derating versus pulse duration
Figure 4.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(tp)
P
(1 µs)
ARM
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(Tj)
P
(25 °C)
ARM
ARM
Figure 5.
Non repetitive surge peak forward
current versus overload duration
(maximum values)
Figure 6.
Relative variation of thermal
impedance junction to case versus
pulse duration
0
20
40
60
80
100
120
140
160
180
200
1.E-03
1.E-02
1.E-01
1.E+00
t(s)
T
C=25°C
T
C=75°C
T
C=125°C
I (A)
M
IM
t
δ=0.5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
t (s)
P
Zth(j-c) / Rth(j-c)
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
T
δ=tp/T
tp



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com