Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3150 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPS3150
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3150 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STPS3150_11 Datasheet HTML 2Page - STMicroelectronics STPS3150_11 Datasheet HTML 3Page - STMicroelectronics STPS3150_11 Datasheet HTML 4Page - STMicroelectronics STPS3150_11 Datasheet HTML 5Page - STMicroelectronics STPS3150_11 Datasheet HTML 6Page - STMicroelectronics STPS3150_11 Datasheet HTML 7Page - STMicroelectronics STPS3150_11 Datasheet HTML 8Page - STMicroelectronics STPS3150_11 Datasheet HTML 9Page - STMicroelectronics STPS3150_11 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
STPS3150
Ordering information
Doc ID 9474 Rev 5
9/10
3
Ordering information
4
Revision history
Table 8.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
STPS3150U
G315
SMB
0.107 g
2500
Tape and reel
STPS3150UF
FG315
SMB flat
0.50 g
5000
Tape and reel
STPS3150
STPS3150
DO-201AD
1.12 g
600
Ammopack
STPS3150RL
STPS3150
DO-201AD
1.12 g
1900
Tape and reel
Table 9.
Document revision history
Date
Revision
Changes
May-2003
2A
Last update.
31-May-2006
3
Reformatted to current standard. Added ECOPACK statement.
Updated SMB footprint in Figure 12. Changed nF to pF in Figure 8.
08-Feb-2007
4
Added SMB flat and SMB flat e package.
20-Jul-2011
5
Updated Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com