Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3150 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS3150
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3150 Datasheet(HTML) 3 Page - STMicroelectronics

  STPS3150_11 Datasheet HTML 1Page - STMicroelectronics STPS3150_11 Datasheet HTML 2Page - STMicroelectronics STPS3150_11 Datasheet HTML 3Page - STMicroelectronics STPS3150_11 Datasheet HTML 4Page - STMicroelectronics STPS3150_11 Datasheet HTML 5Page - STMicroelectronics STPS3150_11 Datasheet HTML 6Page - STMicroelectronics STPS3150_11 Datasheet HTML 7Page - STMicroelectronics STPS3150_11 Datasheet HTML 8Page - STMicroelectronics STPS3150_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STPS3150
Characteristics
Doc ID 9474 Rev 5
3/10
Figure 1.
Average forward power
dissipation versus average
forward current
Figure 2.
Average forward current versus
ambient temperature (
δ = 0.5)
(DO-201AD / SMB)
P
(W)
F(AV)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
I
(A)
F(AV)
T
δ=tp/T
tp
δ = 1
δ = 0.5
δ = 0.05
δ = 0.1
δ = 0.2
I
(A)
F(AV)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
150
175
T
δ=tp/T
tp
T
(°C)
amb
R
=75°C/W
th(j-a)
R=R
th(j-a)
th(j-I)
DO-201AD
SMB
Figure 3.
Average forward current versus
ambient temperature (
δ = 0.5)
(SMB flat)
Figure 4.
Non repetitive surge peak forward
current versus overload duration
(maximum values)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
150
175
SMB flat
T
(°C)
amb
R=R
th(j-a)
th(j-l)
T
δ=tp/T
tp
R
=40°C/W
. S
=2.5 cm
th(j-a)
CU
2
I
(A)
F(AV)
I (A)
M
0
1
2
3
4
5
6
7
8
9
10
11
12
1.E-03
1.E-02
1.E-01
1.E+00
IM
t
δ=0.5
t(s)
T =25°C
a
T =75°C
a
T =125°C
a
SMB
Figure 5.
Non repetitive surge peak forward
current versus overload duration
(maximum values)
Figure 6.
Non repetitive surge peak forward
current versus overload duration
(maximum values)
I (A)
M
0
2
4
6
8
10
12
14
1.E-03
1.E-02
1.E-01
1.E+00
IM
t
δ=0.5
t(s)
T =25°C
a
T =75°C
a
T =125°C
a
DO-201AD
0
5
10
15
20
25
30
35
40
45
50
1.E-03
1.E-02
1.E-01
1.E+00
SMB flat
T =25°C
L
T =75°C
L
T =125°C
L
I (A)
M
IM
t
δ=0.5
t(s)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com