Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS5045SG-TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS5045SG-TR
Description  Power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5045SG-TR Datasheet(HTML) 1 Page - STMicroelectronics

  STPS5045SG-TR Datasheet HTML 1Page - STMicroelectronics STPS5045SG-TR Datasheet HTML 2Page - STMicroelectronics STPS5045SG-TR Datasheet HTML 3Page - STMicroelectronics STPS5045SG-TR Datasheet HTML 4Page - STMicroelectronics STPS5045SG-TR Datasheet HTML 5Page - STMicroelectronics STPS5045SG-TR Datasheet HTML 6Page - STMicroelectronics STPS5045SG-TR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This is information on a product in full production.
June 2012
Doc ID022861 Rev 1
1/7
7
STPS5045S
Power Schottky rectifier
Datasheet
− production data
Features
■
Low forward voltage drop
■
Very small conduction losses
■
Negligible switching losses
■
Extremely fast switching
■
Low thermal resistance
■
200 °C maximum junction temperature
■
Avalanche rated
Description
This device is a dual center tap Schottky rectifier
suited for switch mode power supply and high
frequency DC to DC converters.
Packaged in D2PAK, this device is especially
intended for use in low voltage, high frequency
inverters, freewheeling and polarity protection
applications. Also ideal for PV cell-bypass diode
for junction and smart junction boxes.
j
Table 1.
Device summary
Symbol
Value
IF(AV)
50 A
VRRM
45 V
Tj (max)
200 °C
VF(max)
0.48 V
A
A
K
D2PAK
STPS5045SG-TR
A
K
A
www.st.com


Similar Part No. - STPS5045SG-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS50U100C STMICROELECTRONICS-STPS50U100C Datasheet
111Kb / 8P
Ultralow forward voltage power Schottky rectifier
17-Nov-2009
STPS50U100CR STMICROELECTRONICS-STPS50U100CR Datasheet
111Kb / 8P
Ultralow forward voltage power Schottky rectifier
17-Nov-2009
STPS50U100CT STMICROELECTRONICS-STPS50U100CT Datasheet
111Kb / 8P
Ultralow forward voltage power Schottky rectifier
17-Nov-2009
More results

Similar Description - STPS5045SG-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com