Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9352 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9352
Description  Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9352 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9352_08 Datasheet HTML 7Page - STMicroelectronics L9352_08 Datasheet HTML 8Page - STMicroelectronics L9352_08 Datasheet HTML 9Page - STMicroelectronics L9352_08 Datasheet HTML 10Page - STMicroelectronics L9352_08 Datasheet HTML 11Page - STMicroelectronics L9352_08 Datasheet HTML 12Page - STMicroelectronics L9352_08 Datasheet HTML 13Page - STMicroelectronics L9352_08 Datasheet HTML 14Page - STMicroelectronics L9352_08 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
L9352B
Electrical specifications
11/27
II
Input pull down current
VIN = 5V, VS ≥ 6.5V
8
20
40
μA
Digital outputs (ST1 to ST4)
VSTL
Status output voltage in low state (2))
IST ≤ 40μA0
0.4
V
VSTH
Status output voltage in high state (2))
IST ≥ - 40μA2.5
3.45
V
IST ≥ -120μA2
3.45
V
RDIAGL
ROUT + RDSON in low state
0.3
0.64
1.5
k
Ω
RDIAGH
ROUT + RDSON in high state
1.5
3.2
7.0
k
Ω
Power outputs (Q1 to Q4)
RDSON
Static drain-source ON-resistance
IQ = 1A; VS ≥ 9.5V
0.2
0.4
W
VF_250mA
Forward voltage of free wheeling path
D3, D4 @250mA
ID3/4 = -250mA
0.5
1.5
V
VF_2.25A
Forward voltage of free wheeling path
D3, D4 @2.25A
ID3/4 = -2.25A
2.0
4.5
V
Rsens
Sense resistor = (VF_2.25A-
VF_250mA)/2A
1W
VZ
Z-diode clamping voltage
IQ ≥ 100mA
45
60
V
IPD
Output pull down current
VEN = H, VIN = L
10
150
μA
IQlk
Output leakage current
VEN = L; VQ = 20V
5
μA
Timing
tON
Output ON delay time
IQ = 1A
0
5
20
μs
tOFF
Output OFF delay time channel
IQ = 1A
0
10
30
μs
tIN3/4min
Minimum Input Register ON time
(3)
2
μs
tOFFREG
Output OFF delay time regulator
528
μs
tr
Output rise time
IQ = 1A
0.5
1.5
8
μs
tf
Output fall time
IQ = 1A
0.5
1.5
8
μs
tsf
Short error detection filter time
fCLK = 250kHz DC = 50%
(3)
48
μs
tlf
Long error detection filter time
fCLK = 250kHz DC = 50%
(3)
16
32
μs
tSCP
Short circuit switch-OFF delay time
(3)
430
μs
tD
Status delay time
(3)
896
1024
μs
tRE
Regulation error status delay time
(3) (reg. channels only)
10
ms
tDreg
Output off status delay time
(3) (reg. channels only
528
μs
Reg. current accuracy (reg. channels only)
IQ3/Q4
Maximum current
DC = 90%
2
2.25
2.5
A
Table 6.
Electrical characteristics (continued)
(VS = 4.8 to 18V; Tj = -40 to 150°C unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com