Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9352 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9352
Description  Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9352 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9352_08 Datasheet HTML 11Page - STMicroelectronics L9352_08 Datasheet HTML 12Page - STMicroelectronics L9352_08 Datasheet HTML 13Page - STMicroelectronics L9352_08 Datasheet HTML 14Page - STMicroelectronics L9352_08 Datasheet HTML 15Page - STMicroelectronics L9352_08 Datasheet HTML 16Page - STMicroelectronics L9352_08 Datasheet HTML 17Page - STMicroelectronics L9352_08 Datasheet HTML 18Page - STMicroelectronics L9352_08 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
L9352B
Functional description
15/27
used to measure the current. This means the first turn-on of the power is 256
μs after the first
negative edge of the input signal.
As regulator a digital PI-regulator with the Transfer function for:
KI:
and KP: 0.96
for a sampling time of 256µs is realized.
To speed up the current settling time the regulator output is locked to 90% output PWM until
the target current value is reached. This happens also when the target current value
changes and the output PWM reaches 90% during the regulation. The status output gets
low if the target current value is not reached within the regulation error delay time of
t
RE=10ms.
4.5
Protective circuits
The outputs are protected against current overload, over temperature, and power-GND-loss.
The external clock is monitored by a clock watchdog. This clock watchdog detects a minimal
frequency f
CLK,min and wrong clock duty cycles. The allowed clock duty cycle range is 45% to
55%. The current-regulator stages are protected against recirculation errors, when D3 or D4
is not connected. All these error conditions shut off the power stage and invert the status
output information.
4.6
Error detection
The status outputs indicate the switching state under normal conditions (status LOW = OFF;
status HIGH = ON). If an error occurs, the logic level of the status output is inverted, as listed
in the diagnostic table below. All external errors, for example open load, are filtered
internally. The following table shows the detected errors, the filter times and the detection
mode (on/off).
0.126
z1
–
---------------
Table 7.
Error detection
ON State
EN &IN = HIGH
OFF State
EN &IN = LOW
Filter time
Reset done by
Short circuit of the load
X
tsf
EN & IN = “LOW”
for TD or TDreg
Open load
(under voltage detection)
Xtlf
timer TD
Open load
(under current detection)
Xtsf
timer TD
Overtemperature
X
tsf
EN & IN = “LOW”
for TD or TDreg
Power-GND-loss
X
X
tlf
in on: EN & IN = “LOW”
for TD or TDreg
in off: timer TD
Signal-GND-loss
X
X
tlf
timer TD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com