Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2L30 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2L30
Description  Low drop power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L30 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2L30 Datasheet HTML 1Page - STMicroelectronics STPS2L30 Datasheet HTML 2Page - STMicroelectronics STPS2L30 Datasheet HTML 3Page - STMicroelectronics STPS2L30 Datasheet HTML 4Page - STMicroelectronics STPS2L30 Datasheet HTML 5Page - STMicroelectronics STPS2L30 Datasheet HTML 6Page - STMicroelectronics STPS2L30 Datasheet HTML 7Page - STMicroelectronics STPS2L30 Datasheet HTML 8Page - STMicroelectronics STPS2L30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
April 2008
Rev 6
1/10
10
STPS2L30
Low drop power Schottky rectifier
Features
■ Low cost device with low drop forward voltage
for less power dissipation
■ Optimized conduction/reverse losses trade-off
which lead to the highest yield in the
applications
■ Surface mount miniature packages
■ Avalanche capability specified
Description
Single Schottky rectifier suited to switched mode
power supplies and high frequency DC to DC
converters, freewheel diode and integrated circuit
latch up protection.
Packaged in SMA and low profile SMA and SMB,
this device is especially intended for use in
parallel with MOSFETs in synchronous
rectification.
Table 1.
Device summary
IF(AV)
2 A
VRRM
30 V
Tj (max)
150 °C
VF(max)
0.375 V
K
A
K
A
K
A
SMA
STPS2L30A
SMB flat
STPS2L30UF
SMA flat
STPS2L30AF
www.st.com


Similar Part No. - STPS2L30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2L30 STMICROELECTRONICS-STPS2L30 Datasheet
145Kb / 10P
Low drop power Schottky rectifier
23-Apr-2008
STPS2L30 STMICROELECTRONICS-STPS2L30 Datasheet
401Kb / 16P
30 V, 2 A low drop power Schottky rectifier
26-Sep-2019
STPS2L30A STMICROELECTRONICS-STPS2L30A Datasheet
57Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Aug-1999
STPS2L30A STMICROELECTRONICS-STPS2L30A Datasheet
145Kb / 10P
Low drop power Schottky rectifier
23-Apr-2008
STPS2L30A STMICROELECTRONICS-STPS2L30A Datasheet
401Kb / 16P
30 V, 2 A low drop power Schottky rectifier
26-Sep-2019
More results

Similar Description - STPS2L30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com