Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2L30 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS2L30
Description  Low drop power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L30 Datasheet(HTML) 5 Page - STMicroelectronics

  STPS2L30 Datasheet HTML 1Page - STMicroelectronics STPS2L30 Datasheet HTML 2Page - STMicroelectronics STPS2L30 Datasheet HTML 3Page - STMicroelectronics STPS2L30 Datasheet HTML 4Page - STMicroelectronics STPS2L30 Datasheet HTML 5Page - STMicroelectronics STPS2L30 Datasheet HTML 6Page - STMicroelectronics STPS2L30 Datasheet HTML 7Page - STMicroelectronics STPS2L30 Datasheet HTML 8Page - STMicroelectronics STPS2L30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STPS2L30
Characteristics
5/10
Figure 13.
Reverse leakage current versus
reverse voltage applied (typical
values)
Figure 14.
Junction capacitance versus
reverse voltage applied (typical
values)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
5
10
15
20
25
30
I (mA)
R
V (V)
R
T =125°C
j
T =150°C
j
T =100°C
j
T =25°C
j
10
100
1000
1
10
100
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
Figure 15.
Forward voltage drop versus
forward current (high level)
Figure 16.
Forward voltage drop versus
forward current ( low level)
I
(A)
FM
0.1
1.0
10.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
T
j=25 °C
(maximum values)
T
j=125 °C
(maximum values)
T
j=125 °C
(maximum values)
T
j=125 °C
(typical values)
V
(V)
FM
I
(A)
FM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Tj=25 °C
(maximum values)
Tj=125 °C
(maximum values)
Tj=125 °C
(maximum values)
Tj=125 °C
(typical values)
V
(V)
FM
Figure 17.
Thermal resistance junction to
ambient versus copper surface
under each lead (epoxy printed
board FR4, copper
thickness = 35 µm) (SMA, SMB flat)
Figure 18.
Thermal resistance junction to
ambient versus copper surface
under each lead (epoxy printed
board FR4, copper
thickness = 35 µm) (SMA flat)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
S
(Cm²)
CU
SMB flat)
SMA
R
(°C/W)
th(j-a)
0
20
40
60
80
100
120
140
160
180
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SMA-Flat
S
(Cm²)
CU



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com