Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82100B Datasheet(PDF) 30 Page - STMicroelectronics

Part # STW82100B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82100B Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STW82100B Datasheet HTML 26Page - STMicroelectronics STW82100B Datasheet HTML 27Page - STMicroelectronics STW82100B Datasheet HTML 28Page - STMicroelectronics STW82100B Datasheet HTML 29Page - STMicroelectronics STW82100B Datasheet HTML 30Page - STMicroelectronics STW82100B Datasheet HTML 31Page - STMicroelectronics STW82100B Datasheet HTML 32Page - STMicroelectronics STW82100B Datasheet HTML 33Page - STMicroelectronics STW82100B Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
General description
STW82100B
30/67
Doc ID 018355 Rev 5
Table 11 and Table 12 give the current consumption and the phase noise at 1 MHz.
8.1.10
Output stage
The differential output signal of the synthesizer after the Divider by 2 is available on
pins 16 and 17.
The output stage is selected by programming the PD[4:0] bits.
The output stage is an open-collector structure which is able to meet different requirements
over the desired output frequency range by proper connections on the PCB. See Figure 27:
Diversity mode operation with same LO frequencies.
8.1.11
External VCO buffer
Although the STW82100B includes two wideband and low-noise VCOs, external VCO use
capability is also provided.
The external VCO buffer can be used to manage a signal coming from an external VCO in
order to build a local oscillator signal by using the STW82100B internal synthesizer as a
PLL. This is only possible when External VCO standard mode or External VCO diversity
master mode operation are selected. See Figure 29: External VCO standard mode
operation and Figure 30: External VCO diversity mode operation with same LO.
If the STW82100B is operated in Diversity slave mode, the external VCO buffer manage the
signal coming from the synthesizer output stage of another STW82100B device See
Figure 27: Diversity mode operation with same LO frequencies and Figure 30: External
VCO diversity mode operation with same LO.
The selection of the external VCO buffer is done by setting the PD[4:0] bits.
The external VCO signal can range from 1650 MHz to 2370 MHz and its minimum power
level must be -10 dBm.
Table 11.
VCOA performance against amplitude setting (frequency = 3.6 GHz)
PLL_A[1:0]
Current
Consumption (mA)
PN @ 1 MHz
00
23
-127
01
24
-128
10
32
-131
11
35
-132
Table 12.
VCOB performance against amplitude setting (frequency = 4.3 GHz)
PLL_A[1:0]
Current
Consumption (mA)
PN @ 1 MHz
00
16
-124
01
18
-126
10
27
-128
11
30
-129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com