Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82100B Datasheet(PDF) 49 Page - STMicroelectronics

Part # STW82100B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82100B Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STW82100B Datasheet HTML 45Page - STMicroelectronics STW82100B Datasheet HTML 46Page - STMicroelectronics STW82100B Datasheet HTML 47Page - STMicroelectronics STW82100B Datasheet HTML 48Page - STMicroelectronics STW82100B Datasheet HTML 49Page - STMicroelectronics STW82100B Datasheet HTML 50Page - STMicroelectronics STW82100B Datasheet HTML 51Page - STMicroelectronics STW82100B Datasheet HTML 52Page - STMicroelectronics STW82100B Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
STW82100B
SPI digital interface
Doc ID 018355 Rev 5
49/67
10.2
SPI timing specification
10.2.1
Data, clock and load timing
Figure 23.
SPI timing waveforms
DATA
CLOCK
LOAD
MSB
LSB
MSB - 1
tclk
tclk_loadr
tload
tclk_loadf
tsetup
thold
Table 20.
SPI timing parameters
Parameter
Description
Min.
Typ.
Max.
Unit
tsetup
DATA to CLOCK setup time
1
-
-
ns
thold
DATA to clock hold time
0.5
-
-
ns
tclk
CLOCK cycle period
10
-
-
ns
tload
LOAD pulse width
3
-
-
ns
tclk_loadr
CLOCK to LOAD rising edge
0.6
-
-
ns
tclk_loadf
CLOCK to LOAD falling edge
2.5
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com