Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB526SP-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # VB526SP-E
Description  High voltage ignition coil driver power integrated circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB526SP-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VB526SP-E Datasheet HTML 3Page - STMicroelectronics VB526SP-E Datasheet HTML 4Page - STMicroelectronics VB526SP-E Datasheet HTML 5Page - STMicroelectronics VB526SP-E Datasheet HTML 6Page - STMicroelectronics VB526SP-E Datasheet HTML 7Page - STMicroelectronics VB526SP-E Datasheet HTML 8Page - STMicroelectronics VB526SP-E Datasheet HTML 9Page - STMicroelectronics VB526SP-E Datasheet HTML 10Page - STMicroelectronics VB526SP-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
VB526SP-E
Electrical specifications
Doc ID 18029 Rev 1
7/19
2
Electrical specifications
2.1
Absolute maximum rating
Stressing the device above the ratings listed in the “Absolute maximum ratings” tables may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to the conditions in this section for extended
periods may affect device reliability. Refer also to the STMicroelectronics SURE Program
and other relevant quality documents.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
HVc
Collector voltage (internally limited)
-0.3 to Vclamp
V
IC
Collector current (internally limited)
10
A
IC(gnd)
DC current on emitter power
±10.5
A
VCC
Driving stage supply voltage
-0.3 to 7
V
Is
Driving circuitry supply current
±200
mA
Is(gnd)
DC current on ground pin
±1
A
VIN
Input voltage
-0.3 to VCC + 0.3
V
IIN
Maximum input current
100
mA
fIN
Logic input frequency in operative mode
DC to 150
Hz
VOUT(flag)
Output voltage primary threshold current level
-0.3 to VCC + 0.3
V
IOUT(flag)
Flag output current
100
mA
Pmax
Power Dissipation (Tc = 25 °C)
125
W
Es/b
Self clamped energy during output power clamping
(see Figure 5)
275
mJ
VESD
ESD voltage (HVc pin)
±4
KV
VESD
ESD voltage (enable pin)
+1.5; -2
KV
VESD
ESD voltage (other pins)
±2
KV
IBD
Input darlington base current
150
mA
VBD
Input darlington base voltage
Internally limited
V
Tj
Operating junction temperature
-40 to 150
°C
Tstg
Storage temperature range
-55 to 150
°C
VE
Maximum enable voltage
-0.3 to 5.5
V
IE
Maximum enable current
±150
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com