Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB526SP-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # VB526SP-E
Description  High voltage ignition coil driver power integrated circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB526SP-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VB526SP-E Datasheet HTML 9Page - STMicroelectronics VB526SP-E Datasheet HTML 10Page - STMicroelectronics VB526SP-E Datasheet HTML 11Page - STMicroelectronics VB526SP-E Datasheet HTML 12Page - STMicroelectronics VB526SP-E Datasheet HTML 13Page - STMicroelectronics VB526SP-E Datasheet HTML 14Page - STMicroelectronics VB526SP-E Datasheet HTML 15Page - STMicroelectronics VB526SP-E Datasheet HTML 16Page - STMicroelectronics VB526SP-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
VB526SP-E
Application schematic
Doc ID 18029 Rev 1
13/19
4
Application schematic
Figure 8.
Application diagram
4.1
Principle of operation
The VB526SP-E is mainly intended as a high voltage power switch device driven by a logic
level input and interfaces directly to a high energy electronic ignition coil.
The input VIN of the VB526SP-E is fed from a low power signal generated by an external
controller that determines both dwell time and ignition point. During VIN high (≥ 4V) the
VB526SP-E increases current in the coil to the desired, internally set current level.
After reaching this level, the coil current remains constant until the ignition point, that
corresponds to the transition of VIN from high to low (typ. 1.9 V threshold).
During the coil current switch-off, the primary voltage HVC is clamped at an internally set
value Vcl, typically 380 V. The transition from saturation to desaturation, coil current limiting
phase, must have the ability to accommodate an overvoltage.
A maximum overshoot of 20 V is allowed.
4.2
Feedback
When the collector current exceeds 6.5 A, the feedback signal is turned high and it remains
so, until the input voltage is turned-off.
μP
1nF
18K
VCC
HVC
GND
FLAG
Vbat
1
μF
100nF
E
LGND
VIN
+5V
BD
1K
1K
1K
Note:
ENABLE pin can be alternatively connected to LGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com