Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3602D Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RF3602D
Description  305.3 MHz SAW Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3602D Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RF3602D Datasheet HTML 1Page - RF Monolithics, Inc RF3602D Datasheet HTML 2Page - RF Monolithics, Inc RF3602D Datasheet HTML 3Page - RF Monolithics, Inc RF3602D Datasheet HTML 4Page - RF Monolithics, Inc RF3602D Datasheet HTML 5Page - RF Monolithics, Inc RF3602D Datasheet HTML 6Page - RF Monolithics, Inc RF3602D Datasheet HTML 7Page - RF Monolithics, Inc RF3602D Datasheet HTML 8Page - RF Monolithics, Inc RF3602D Datasheet HTML 9Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 10
©2009-2010 by RF Monolithics, Inc.
RF3602D - 3/3/10
Electrical Characteristics
Electrical Connections
Characteristic
Sym
Notes
Min
Typ
Max
Units
Center Frequency
fC
305.3
MHz
1 dB Bandwidth
BW1
12.5
MHz
Maximum Insertion Loss, 303.325 to 307.300 MHz
ILMAX
1.8
2.0
dB
Amplitude Ripple, p-p, 303.325 to 307.300 MHz
1.0
Rejection Referenced to Insertion Loss at 303.825 MHz:
DC to 285.3 MHz
37
40
335.3 to 355.3 MHz
27
30
355.3 to 755.3 MHz
44
47
755.3 to 1255.3 MHz
50
53
1255.3 to 2000 MHz
26
29
Source Impedance
ZS
50
Ω
Balanced Load Impedance
ZL
150
Ω
Case Style
SM3838-8 3.8 x 3.8 mm Nominal Footprint
Lid Symbolization (Y=year, WW=week, S=shift) dot=pin 1 indicator
885, YWWS
Standard Reel Quantity
Reel Size 7 Inch
500 Pieces/Reel
Reel Size 13 Inch
3000 Pieces/Reel
Connection
Terminals
Single-ended Port
6
Balanced Port
1, 3
Case Ground
4, 5, 7, 8
No Connection
2
• 303.325 to 307.300 MHz Filter
• Optimized for use with the TRC105 Transceiver
• Balanced 150 ohm IC Interface
• Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
+15
dBm
DC Voltage
±5
V
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range in Tape and Reel
-40 to +85
°C
305.3 MHz
SAW Filter
RF3602D
1.
Unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with impedance
matching to 50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the passband. Rejection in final user application is dependent on PCB layout and external
impedance matching design. See Application Note No. 42 for details.
4.
The design, manufacturing process, and specifications of this filter are subject to change.
5.
US and international patents may apply.
6.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of RF Monolithics, Inc.
Pb
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
SM3838-8
Preliminary


Similar Part No. - RF3602D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF3602D MURATA-RF3602D Datasheet
506Kb / 10P
305.3 MHz SAW Filter
More results

Similar Description - RF3602D

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B3773 EPCOS-B3773 Datasheet
74Kb / 9P
SAW filter 868.95 MHz
B7738 EPCOS-B7738 Datasheet
93Kb / 8P
SAW filter 719.0 MHz
B9408 EPCOS-B9408 Datasheet
80Kb / 8P
SAW Filter 2140.0 MHz
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Murata Manufacturing Co...
RF3602D MURATA-RF3602D Datasheet
506Kb / 10P
305.3 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com