Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECMF06-6AM16 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ECMF06-6AM16
Description  Common mode filter with ESD protection for MIPI D-PHY and MDDI interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF06-6AM16 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ECMF06-6AM16 Datasheet HTML 7Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 8Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 9Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 10Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 11Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 12Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 13Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 14Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ECMF06-6AM16
Package information
Doc ID 022284 Rev 2
11/16
4
Package information
●
Epoxy meets UL94, V0
●
Lead-free packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 18.
Tape and reel specifications
Table 4.
µQFN 3.3 x 1.35 16L dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.45
0.50
0.55
0.018
0.020
0.022
A1
0.00
0.02
0.05
0.00
0.0008 0.002
b
0.15
0.20
0.25
0.006
0.008
0.010
D
3.25
3.30
3.35
0.128
0.130
0.132
E
1.30
1.35
1.40
0.051
0.053
0.055
e
0.35
0.40
0.45
0.014
0.016
0.018
L
0.30
0.40
0.50
0.118
0.016
0.020
Figure 16.
Footprint
Figure 17.
Marking
D
INDEX AREA
(D/2 x E/2)
TOP VIEW
SIDE VIEW
BOTTOM VIEW
E
A
e
L
b
A1
INDEX AREA
(D/2 x E/2)
PIN # 1 ID
1
8
9
16
0.20
0.40
0.60
1.75
3.00
XX
WW
Y P
Dot: Pin 1
XX: Marking
WW: Assembly week
Y: Assembly year
P: Assembly plant
Dot identifying Pin A1 location
User direction of unreeling
All dimensions in mm
4.00 ± 0.1
2.00 ± 0.1
4.00 ± 0.1
Ø 1.55 ± 0.05
0.80 ± 0.1
1.70 ± 0.1
XX
WW
YP
XX
WW
YP
XX
WW
YP
XX
WW
YP
XX
WW
YP
XX
WW
YP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com