Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECMF06-6AM16 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ECMF06-6AM16
Description  Common mode filter with ESD protection for MIPI D-PHY and MDDI interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF06-6AM16 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ECMF06-6AM16 Datasheet HTML 8Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 9Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 10Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 11Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 12Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 13Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 14Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 15Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Recommendation on PCB assembly
ECMF06-6AM16
12/16
Doc ID 022284 Rev 2
5
Recommendation on PCB assembly
5.1
Stencil opening design
1.
General recommendation on stencil opening design
a)
Stencil opening dimensions: L (Length), W (Width), T (Thickness).
Figure 19.
Stencil opening dimensions
b)
General design rule
Stencil thickness (T) = 75 ~ 125 µm
2.
Reference design
a)
Stencil opening thickness: 100 µm
b)
Stencil opening for central exposed pad: Opening to footprint ratio is 50%.
c)
Stencil opening for leads: Opening to footprint ratio is 90%.
Figure 20.
Recommended stencil window position
L
T
W
Aspect Ratio
W
T
-----
1,5
=
Aspect Area
LW
2T L
W
+

----------------------------
0,66
=
180 µm
200 µm
10 µm
30 µm
Stencil window
Footprint
0.40
0.60
0.20
3.00
1.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com