Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF02-USB04F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF02-USB04F3
Description  3-line IPAD?? EMI filter including ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-USB04F3 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF02-USB04F3 Datasheet HTML 1Page - STMicroelectronics EMIF02-USB04F3 Datasheet HTML 2Page - STMicroelectronics EMIF02-USB04F3 Datasheet HTML 3Page - STMicroelectronics EMIF02-USB04F3 Datasheet HTML 4Page - STMicroelectronics EMIF02-USB04F3 Datasheet HTML 5Page - STMicroelectronics EMIF02-USB04F3 Datasheet HTML 6Page - STMicroelectronics EMIF02-USB04F3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
October 2010
Doc ID 18144 Rev 1
1/7
7
EMIF02-USB04F3
3-line IPAD™, EMI filter including ESD protection
Features
■ EMI symmetrical (I/O) low-pass filter
■ high efficiency in EMI/ESD protection
■ lead-free package
■ very thin package
■ high reliability offered by monolithic integration
■ high reduction of parasitic elements through
integration and wafer level packaging
Complies with the following standards
■ IEC 61000-4-2 level 4 (on external pins B1 and
C1):
– ±15 kV (air discharge)
– ±8 kV (contact discharge)
■ IEC 61000-4-2 level 1 (on internal pins):
– ±2 kV (air discharge)
– ±2 kV (contact discharge)
Applications
Where EMI filtering in ESD sensitive equipment is
required:
■ mobile phones and communication systems
■ computers, printers and MCU boards
Description
The EMIF02-USB04F3 chip is a highly integrated
audio filter device designed to suppress EMI/RFI
noise in all systems subjected to electromagnetic
interference.
This filter includes ESD protection circuitry, which
prevents damage to the protected device when
subjected to ESD surges up to 15 kV.
Figure 1.
Pin configuration (bump side)
Figure 2.
Configuration
TM: IPAD is a trademark of STMicroelectronics.
Lead-free Flip-Chip package
(9 bumps)
3
2
1
A
B
C
3
2
1
A
B1
A1
R1
R2
R5
A2
C1
C3
A3
C
= 20 pF max
line
B2
R4
R3
C2
B3
www.st.com


Similar Part No. - EMIF02-USB04F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-USB01 STMICROELECTRONICS-EMIF02-USB01 Datasheet
111Kb / 6P
2 LINES EMI FILTER INCLUDING ESD PROTECTION
Jan-2003
EMIF02-USB01F2 STMICROELECTRONICS-EMIF02-USB01F2 Datasheet
116Kb / 8P
2-line IPAD?? EMI filter including ESD protection
29-Apr-2008
EMIF02-USB02F2 STMICROELECTRONICS-EMIF02-USB02F2 Datasheet
105Kb / 7P
2-line IPAD, EMI filter with ESD protection
28-Apr-2008
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2 Datasheet
275Kb / 7P
2 LINES EMI FILTER INCLUDING ESD PROTECTION
27-Oct-2004
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2 Datasheet
188Kb / 8P
2-line IPAD, EMI filter including ESD protection
28-Apr-2008
More results

Similar Description - EMIF02-USB04F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF10-1K010F2 STMICROELECTRONICS-EMIF10-1K010F2_08 Datasheet
183Kb / 8P
10-line IPAD?? EMI filter including ESD protection
17-Apr-2008
EMIF03-SIM01F2 STMICROELECTRONICS-EMIF03-SIM01F2_08 Datasheet
175Kb / 7P
3-line IPAD?? EMI filter including ESD protection
28-Apr-2008
EMIF03-SIM02F2 STMICROELECTRONICS-EMIF03-SIM02F2_08 Datasheet
155Kb / 8P
3-line IPAD, EMI filter including ESD protection
24-Apr-2008
EMIF03-SIM02F3 STMICROELECTRONICS-EMIF03-SIM02F3 Datasheet
307Kb / 9P
3-line IPAD, EMI filter including ESD protection
28-Apr-2008
EMIF03-SIM02C2 STMICROELECTRONICS-EMIF03-SIM02C2_10 Datasheet
188Kb / 8P
3-line IPAD??EMI filter including ESD protection
02-Sep-2010
EMIF03-SIM02F3 STMICROELECTRONICS-EMIF03-SIM02F3_10 Datasheet
288Kb / 9P
3-line IPAD?? EMI filter including ESD protection
07-Apr-2010
EMIF03-SIM03F3 STMICROELECTRONICS-EMIF03-SIM03F3 Datasheet
197Kb / 8P
3-line IPAD?? EMI filter including ESD protection
12-Oct-2010
EMIF03-SIM04F3 STMICROELECTRONICS-EMIF03-SIM04F3 Datasheet
193Kb / 7P
3-line IPAD?? EMI filter including ESD protection
12-Oct-2010
EMIF03SIM02F2 STMICROELECTRONICS-EMIF03SIM02F2 Datasheet
153Kb / 8P
3-line IPAD?? EMI filter including ESD protection
24-Apr-2008
EMIF03-SIM06F3 STMICROELECTRONICS-EMIF03-SIM06F3 Datasheet
321Kb / 7P
3-line IPAD™, EMI filter including ESD protection
19-Dec-2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com