Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF02-USB01 Datasheet (PDF) - STMicroelectronics

EMIF02-USB01 Datasheet PDF - STMicroelectronics
Part # EMIF02-USB01
Download  EMIF02-USB01 Download
File Size   111.81 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 LINES EMI FILTER INCLUDING ESD PROTECTION

EMIF02-USB01 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMIF02-USB01 Datasheet PDF - STMicroelectronics

Part # EMIF02-USB01
Download  EMIF02-USB01 Click to download

File Size   111.81 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 LINES EMI FILTER INCLUDING ESD PROTECTION

EMIF02-USB01 Datasheet (HTML) - STMicroelectronics


EMIF02-USB01 Product details

DESCRIPTION
The EMIF02-USB01 is a highly integrated array designed to suppress EMI / RFI noise for USB port filtering.
The EMIF02-USB01 flip-chip packaging means the package size is equal to the die size. Thats why EMIF02-USB01 is a very small device.
Additionally, this filter includes an ESD protection circuitry which prevents the protected device from destruction when subjected to ESD surges up to 15 kV.

BENEFITS
■ 2 lines low-pass-filter + 2 lines ESD protection
■ High efficiency in EMI filtering
■ Very low PCB space consuming: 2.5 mm2
■ Very thin package: 0.65 mm
■ High efficiency in ESD suppression (IEC61000-4-2 level 4)
■ High reliability offered by monolithic integration
■ High reducing of parasitic elements through integration & wafer level packaging.

MAIN APPLICATION
■ ESD protection and EMI filtering for USB port.




Similar Part No. - EMIF02-USB01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-USB01F2 STMICROELECTRONICS-EMIF02-USB01F2 Datasheet
116Kb / 8P
2-line IPAD?? EMI filter including ESD protection
29-Apr-2008
More results


Similar Description - EMIF02-USB01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF08-2005QEJ STMICROELECTRONICS-EMIF08-2005QEJ Datasheet
32Kb / 4P
EMI FILTER INCLUDING ESD PROTECTION
05-Nov-2002
EMIF03-SIM01 STMICROELECTRONICS-EMIF03-SIM01 Datasheet
164Kb / 11P
003 LINES EMI FILTER INCLUDING ESD PROTECTION
22-Feb-2001
EMIF03-SIM01F2 STMICROELECTRONICS-EMIF03-SIM01F2 Datasheet
134Kb / 7P
3 LINES EMI FILTER INCLUDING ESD PROTECTION
13-Dec-2204
EMIF04-MMC02F2 STMICROELECTRONICS-EMIF04-MMC02F2 Datasheet
95Kb / 7P
4 LINES EMI FILTER INCLUDING ESD PROTECTION
06-Apr-2005
EMIF04-MMC02F1 STMICROELECTRONICS-EMIF04-MMC02F1 Datasheet
170Kb / 7P
4 LINES EMI FILTER INCLUDING ESD PROTECTION
Sep-2002
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2 Datasheet
275Kb / 7P
2 LINES EMI FILTER INCLUDING ESD PROTECTION
27-Oct-2004
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2 Datasheet
73Kb / 7P
2 LINES EMI FILTER INCLUDING ESD PROTECTION
12-Oct-2004
EMIF06-HMC01F2 STMICROELECTRONICS-EMIF06-HMC01F2 Datasheet
197Kb / 7P
6 LINES EMI FILTER INCLUDING ESD PROTECTION
25-Jan-2005
EMIF08-2005QEJ STMICROELECTRONICS-EMIF08-2005QEJ_05 Datasheet
51Kb / 6P
EMI FILTER INCLUDING ESD PROTECTION
01-Apr-2005
EMIF04-2005QCF STMICROELECTRONICS-EMIF04-2005QCF_05 Datasheet
54Kb / 6P
EMI FILTER INCLUDING ESD PROTECTION
01-Apr-2005
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com