Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF02-USB01 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EMIF02-USB01
Description  2 LINES EMI FILTER INCLUDING ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-USB01 Datasheet(HTML) 5 Page - STMicroelectronics

  EMIF02-USB01 Datasheet HTML 1Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 2Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 3Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 4Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 5Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EMIF02-USB01
5/6
aplacvar R_33R 33.9
aplacvar cap_33R 1.2pF
aplacvar R_1k3 1.3k
aplacvar Cz 29pF
aplacvar Rsub_D 100
aplacvar Csub 0.3pF
aplacvar Rsub_33R 15
aplacvar Rsub_1k3 50
aplacvar lhole 10pH
aplacvar Rhole 400m
aplacvar Caphole0.4pF
aplacvar Lgnd_D 150pH
aplacvar Lbump 50pH
aplacvar Rbump 50m
aplacvar Cbump 1.5pF
aplacvar Rsubump 150
aplacvar R_33R 33.9
aplacvar cap_33R 1.2pF
aplacvar R_1k3 1.3k
aplacvar Cz 29pF
aplacvar Rsub_D 100
aplacvar Csub 0.3pF
aplacvar Rsub_33R 15
aplacvar Rsub_1k3 50
aplacvar lhole 10pH
aplacvar Rhole 400m
aplacvar Caphole0.4pF
aplacvar Lgnd
aplacvar Lbump 50pH
aplacvar Rbump 50m
aplacvar Cbump 1.5pF
aplacvar Rsubump 150
Model D02_usb
BV=16
IBV=1m
CJO=Cz
M=0.3333
RS=2
VJ=0.6
TT=100n
Model D02_Nw
BV=100
IBV=1m
CJO=6.8p
M=0.3333
RS=2
VJ=0.6
TT=100n
Fig. 8: Aplac model parameters
1.0M
3.0M
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
-50.00
-45.00
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
dB
f/Hz
Aplac: C1/C3
Meas: C1_C3_symm
simulation
measure
Fig. 9: Comparison between Aplac simulations
and measured frequency response.
EMIF
02
-
USB
01
Electro Magnetic
Interference Filter
Nb of lines
USB port fonction
Version
ORDER CODE
1.27mm ± 50µm
315 ± 50
700 ± 50
650µm ± 65
PACKAGE MECHANICAL DATA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com