Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF02-USB01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF02-USB01
Description  2 LINES EMI FILTER INCLUDING ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-USB01 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF02-USB01 Datasheet HTML 1Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 2Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 3Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 4Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 5Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
EMIF02-USB01
®
January 2003 - Ed: 5
IEC61000-4-2 level 4
15kV
(air discharge)
8 kV
(contact discharge)
on input & output pins.
COMPLIES WITH THE FOLLOWING STANDARDS :
Flip Chip package
32
1
A
B
C
D
E
PIN CONFIGURATION
s
2 lines low-pass-filter + 2 lines ESD protection
s
High efficiency in EMI filtering
s
Very low PCB space consuming: 2.5 mm
2
s
Very thin package: 0.65 mm
s
High efficiency in ESD suppression
(IEC61000-4-2 level 4)
s
High reliability offered by monolithic integration
s
High reducing of parasitic elements through
integration & wafer level packaging.
BENEFITS
2 LINES EMI FILTER
INCLUDING ESD PROTECTION
IPADTM
s
ESD protection and EMI filtering for USB port.
MAIN APPLICATION
The EMIF02-USB01 is a highly integrated array
designed to suppress EMI / RFI noise for USB port
filtering.
The EMIF02-USB01 flip-chip packaging means
the package size is equal to the die size. That's
why EMIF02-USB01 is a very small device.
Additionally, this filter includes an ESD protection
circuitry which prevents the protected device from
destruction when subjected to ESD surges up to
15 kV.
DESCRIPTION
TM : ASD is trademark of STMicroelectronics.


Similar Part No. - EMIF02-USB01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-USB01F2 STMICROELECTRONICS-EMIF02-USB01F2 Datasheet
116Kb / 8P
2-line IPAD?? EMI filter including ESD protection
29-Apr-2008
More results

Similar Description - EMIF02-USB01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF08-2005QEJ STMICROELECTRONICS-EMIF08-2005QEJ Datasheet
32Kb / 4P
EMI FILTER INCLUDING ESD PROTECTION
05-Nov-2002
EMIF03-SIM01 STMICROELECTRONICS-EMIF03-SIM01 Datasheet
164Kb / 11P
003 LINES EMI FILTER INCLUDING ESD PROTECTION
22-Feb-2001
EMIF03-SIM01F2 STMICROELECTRONICS-EMIF03-SIM01F2 Datasheet
134Kb / 7P
3 LINES EMI FILTER INCLUDING ESD PROTECTION
13-Dec-2204
EMIF04-MMC02F2 STMICROELECTRONICS-EMIF04-MMC02F2 Datasheet
95Kb / 7P
4 LINES EMI FILTER INCLUDING ESD PROTECTION
06-Apr-2005
EMIF04-MMC02F1 STMICROELECTRONICS-EMIF04-MMC02F1 Datasheet
170Kb / 7P
4 LINES EMI FILTER INCLUDING ESD PROTECTION
Sep-2002
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2 Datasheet
275Kb / 7P
2 LINES EMI FILTER INCLUDING ESD PROTECTION
27-Oct-2004
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2 Datasheet
73Kb / 7P
2 LINES EMI FILTER INCLUDING ESD PROTECTION
12-Oct-2004
EMIF06-HMC01F2 STMICROELECTRONICS-EMIF06-HMC01F2 Datasheet
197Kb / 7P
6 LINES EMI FILTER INCLUDING ESD PROTECTION
25-Jan-2005
EMIF08-2005QEJ STMICROELECTRONICS-EMIF08-2005QEJ_05 Datasheet
51Kb / 6P
EMI FILTER INCLUDING ESD PROTECTION
01-Apr-2005
EMIF04-2005QCF STMICROELECTRONICS-EMIF04-2005QCF_05 Datasheet
54Kb / 6P
EMI FILTER INCLUDING ESD PROTECTION
01-Apr-2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com