Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF02-USB01 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF02-USB01
Description  2 LINES EMI FILTER INCLUDING ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-USB01 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF02-USB01 Datasheet HTML 1Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 2Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 3Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 4Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 5Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EMIF02-USB01
3/6
Symbol
Parameter and test conditions
Value
Unit
VPP
ESD discharge IEC61000-4-2, air discharge
ESD discharge IEC61000-4-2, contact discharge
15
8
kV
Tj
Junction temperature
125
°C
Top
Operating temperature range
-40 to + 85
°C
Tstg
Storage temperature range
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS (Tamb =25°C)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR =1mA
6V
IRM
VRM =3V
0.1
0.5
µA
Cline
@0V
40
45
pF
R1,R2
Tolerance ± 5%
33.0
Ω
R3
Tolerance ± 5%
1.30
k
Ω
Symbol
Parameter
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-off voltage
VCL
Clamping voltage
Rd
Dynamic impedance
IPP
Peak pulse current
ELECTRICAL CHARACTERISTICS (Tamb =25°C)
slope: 1/Rd



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com