Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF02-USB01 Datasheet(PDF) 6 Page - STMicroelectronics

Part # EMIF02-USB01
Description  2 LINES EMI FILTER INCLUDING ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-USB01 Datasheet(HTML) 6 Page - STMicroelectronics

  EMIF02-USB01 Datasheet HTML 1Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 2Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 3Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 4Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 5Page - STMicroelectronics EMIF02-USB01 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EMIF02-USB01
6/6
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written
approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2003 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
FF T
y ww
F
®
365
240
40
220
All dimensions in µm
MARKING
Note: More packing informations are available in the application note AN1235: ''Flip-Chip CSP: Package description and
recommandations for use''
Dot identifying Pin A1 location*
User direction of unreeling
All dimensions in mm
4 +/- 0.1
8 +/- 0.3
4 +/- 0.1
1.75 +/- 0.1
3.5 +/- 0.1
1.5 +/- 0.1
PACKING
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
EMIF02-USB01
FFT
Flip Chip
3.35 mg
5000
Tape & reel (7”)
OTHER INFORMATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com