Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF03-SIM03F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF03-SIM03F3
Description  3-line IPAD?? EMI filter including ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM03F3 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF03-SIM03F3 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM03F3 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM03F3 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM03F3 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM03F3 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM03F3 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM03F3 Datasheet HTML 7Page - STMicroelectronics EMIF03-SIM03F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EMIF03-SIM03F3
Electrical characteristics
Doc ID 16798 Rev 2
3/8
Figure 8.
Analog crosstalk measurement A2 - C3 (30 kHz < F < 6 GHz > 13.8 dB)
Figure 4.
Attenuation measurement A2 - A3
Figure 5.
Attenuation measurement B1 - B3
S21 (dB)
100.0k
1.0M
10.0M
100.0M
1.0G
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
F (Hz)
-14.9 dB @ 900 MHz
-23.1 dB @ 1.8 GHz
S21 (dB)
100.0k
1.0M
10.0M
100.0M
1.0G
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
F (Hz)
-11.6 dB @ 900 MHz
-18.4 dB @ 1.8 GHz
Figure 6.
Attenuation measurement C1 - C3
Figure 7.
Analog crosstalk measurement
A2 - B3
(30 kHz < F < 6 GHz > 11.8 dB)
S21 (dB)
100.0k
1.0M
10.0M
100.0M
1.0G
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
F (Hz)
-14.8 dB @ 900 MHz
-22.8 dB @ 1.8 GHz
Crosstalk (dB)
100.0k
1.0M
10.0M
100.0M
1.0G
-100.00
-80.00
-60.00
-40.00
-20.00
0.00
F (Hz)
100.0k
1.0M
10.0M
100.0M
1.0G
-100.00
-80.00
-60.00
-40.00
-20.00
0.00
F (Hz)
Crosstalk (dB)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com