Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF03-SIM03F3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF03-SIM03F3
Description  3-line IPAD?? EMI filter including ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM03F3 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF03-SIM03F3 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM03F3 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM03F3 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM03F3 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM03F3 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM03F3 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM03F3 Datasheet HTML 7Page - STMicroelectronics EMIF03-SIM03F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Electrical characteristics
EMIF03-SIM03F3
4/8
Doc ID 16798 Rev 2
Figure 9.
Digital crosstalk measurements
Figure 10.
ESD response to IEC 61000-4-2
(+15 kV air discharge) on one line
20 ns/Div
1 V/Div
500 mV/Div
IN
OUT
20 ns/Div
175 mV
trise (10-90%) = 2.5 ns
IN
OUT
C2
C3
100 ns/Div
20 V/Div
100 ns/Div
10 V/Div
Figure 11.
ESD response to IEC 61000-4-2
(-15 kV air discharge) on one line
Figure 12.
Line capacitance versus applied
voltage
IN
OUT
C2
C3
100 ns/Div
100 ns/Div
10 V/Div
10 V/Div
0
3
6
9
12
15
18
21
0
0
1
2
3
4
3
6
9
12
15
18
21
C (pF)
V (V)
r



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com