Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF07-LCD03F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF07-LCD03F3
Description  7-line IPAD?? EMI filter and ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF07-LCD03F3 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF07-LCD03F3 Datasheet HTML 1Page - STMicroelectronics EMIF07-LCD03F3 Datasheet HTML 2Page - STMicroelectronics EMIF07-LCD03F3 Datasheet HTML 3Page - STMicroelectronics EMIF07-LCD03F3 Datasheet HTML 4Page - STMicroelectronics EMIF07-LCD03F3 Datasheet HTML 5Page - STMicroelectronics EMIF07-LCD03F3 Datasheet HTML 6Page - STMicroelectronics EMIF07-LCD03F3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EMIF07-LCD03F3
Characteristics
3/7
Figure 7.
Line capacitance versus applied voltage
Figure 5.
ESD response under IEC61000-4-2
conditions, VPP = +15 kV air
discharge
Figure 6.
ESD response under IEC61000-4-2
conditions, VPP = -15 kV air
discharge
Cline (pF)
0.00
5.00
10.00
15.00
20.00
25.00
30.00
012
345
Vline (V)
F=1 MHz
V
OSC = 30 mVRMS
T
J = 25° C
Figure 8.
Typical rise and fall time: input
voltage
Figure 9.
Typical rise and fall time: output
voltage
INPUT VOLTAGE
X: 10 ns/DIV
Y: 1 V/DIV
trise10% -90% = 3.34 ns
tfall 90%-10% = 3.65 ns
OUTPUT VOLTAGE
X: 10ns/DIV
Y: 1V/DIV
trise10% -90% = 3.45 ns
tfall 90%-10% = 4.09 ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com