Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF07-LCD03F3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EMIF07-LCD03F3
Description  7-line IPAD?? EMI filter and ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF07-LCD03F3 Datasheet(HTML) 5 Page - STMicroelectronics

  EMIF07-LCD03F3 Datasheet HTML 1Page - STMicroelectronics EMIF07-LCD03F3 Datasheet HTML 2Page - STMicroelectronics EMIF07-LCD03F3 Datasheet HTML 3Page - STMicroelectronics EMIF07-LCD03F3 Datasheet HTML 4Page - STMicroelectronics EMIF07-LCD03F3 Datasheet HTML 5Page - STMicroelectronics EMIF07-LCD03F3 Datasheet HTML 6Page - STMicroelectronics EMIF07-LCD03F3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EMIF07-LCD03F3
Ordering information
5/7
Figure 14.
Flip Chip tape and reel specification
Note:
More information is available in the application notes:
AN2348: “STMicroelectronics 400 micro-metre Flip Chip: Package description and
recommendation for use”
AN1751: “EMI filters: Recommendations and measurements”
4
Ordering information
Figure 12.
Footprint
Figure 13.
Marking
Dot identifying Pin A1 location
User direction of unreeling
All dimensions in mm
4 ± 0.1
4 ± 0.1
Ø 1.5 ± 0.1
0.69 ± 0.05
1.71
Table 3.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
EMIF07-LCD03F3
HW
Flip Chip
4 mg
5000
Tape and reel 7”



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com