Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC86AL-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC86AL-P14-R
Description  The U74LVC86A is a quad 2-input exclusive OR gate which performs the function Y=A ?뷓 or Y=AB AB . It is designed for 1.2V to 3.6V operation.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC86AL-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC86AL-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC86AL-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC86AL-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC86AL-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC86AL-P14-R Datasheet HTML 5Page - Unisonic Technologies U74LVC86AL-P14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74LVC86A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-783.A
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = -100μA, VCC = 1.65V ~ 3.6V
VI = VIH or VIL
VCC - 0.2
IOH = -4mA, VCC = 1.65V
VI = VIH or VIL
1.29
IOH = -8mA, VCC = 2.3V
VI = VIH or VIL
1.9
IOH = -12mA, VCC = 2.7V
VI = VIH or VIL
2.2
VCC
IOH = -18mA, VCC = 3.0V
VI = VIH or VIL
2.4
High-Level Output Voltage
VOH
IOH = -24mA, VCC = 3.0V
VI = VIH or VIL
2.3
V
IOH = 100μA, VCC = 1.65V ~ 3.6V
VI = VIH or VIL
0.1
IOH = 4mA, VCC = 1.65V,
VI = VIH or VIL
0.24
IOH = 8mA, VCC = 2.3V,
VI = VIH or VIL
0.3
IOH = 12mA, VCC = 2.7V,
VI = VIH or VIL
0.4
Low-Level Output Voltage
VOL
IOH = 24mA, VCC = 3.0V,
VI = VIH or VIL
0.55
V
Input Leakage Current
II(LEAK)
VIN = 5.5V or GND,
VCC = 3.6V
±0.1
±1
μA
Quiescent Supply Current
ICC
VIN = VCC or GND, IOUT = 0,
VCC = 3.6V
0.1
1
μA
Additional quiescent Supply
Current
Δ ICC
One input at VCC – 0.6V,
other inputs at VCC or GND,
IOUT = 0, VCC = 2.7V ~ 3.6V
5
500
μA
Input Capacitance
CIN
VIN = VCC or GND, VCC=3.3V
5.0
pF
Note: 1. All typical values are at VCC = 3.3 V, TA = 25 °C
SWITCHING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
VCC = 1.2V, CL = 50 pF, RL = 500Ω
11
VCC = 1.8V ±0.15V, CL = 30 pF, RL = 1KΩ
1
4.1
9.4
VCC = 2.5V ±0.2V, CL = 50 pF, RL = 500Ω
1
2.9
7.1
VCC = 2.7V, CL = 50 pF, RL= 500Ω
1
2.8
5.4
Propagation delay from input
(A or B) to output (Y)
tPLH/tPHL
VCC = 3.3 ±0.3V, CL = 30pF, RL= 500Ω
1
2.5
4.4
ns
Note: 1. All typical values are at VCC = 3.3 V, TA = 25 °C
OPERATING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
TYP
UNIT
Power Dissipation Capacitance Per Gate
Cpd
VCC = 3.3V
28
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com