Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC86AL-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC86AL-P14-R
Description  The U74LVC86A is a quad 2-input exclusive OR gate which performs the function Y=A ?뷓 or Y=AB AB . It is designed for 1.2V to 3.6V operation.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC86AL-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC86AL-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC86AL-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC86AL-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC86AL-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC86AL-P14-R Datasheet HTML 5Page - Unisonic Technologies U74LVC86AL-P14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC86A
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-783.A
QUAD 2-INPUT EXCLUSIVE
OR GATE
DESCRIPTION
The U74LVC86A is a quad 2-input exclusive OR gate
which performs the function
Y=A
B
or
Y=ABAB
+
. It is
designed for 1.2V to 3.6V operation.
FEATURES
* Wide supply voltage range from 1.2V to 3.6V
* Max tpd of 4.6ns at CL=50pF, VCC=3.3V
* Up to 5.5V inputs accept voltages
* Low power consumption, ICC = 1 μA (Max.)
* Compatible with TTL families
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74LVC86AL-S14-R
U74LVC86AG-S14-R
SOP-14
Tape Reel
U74LVC86AL-S14-T
U74LVC86AG-S14-T
SOP-14
Tube
U74LVC86AL-P14-R
U74LVC86AG-P14-R
TSSOP-14
Tape Reel
U74LVC86AL-P14-T
U74LVC86AG-P14-T
TSSOP-14
Tube


Similar Part No. - U74LVC86AL-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC86AG-P14-R UTC-U74LVC86AG-P14-R Datasheet
200Kb / 6P
QUAD 2-INPUT EXCLUSIVE OR GATE
U74LVC86AG-S14-R UTC-U74LVC86AG-S14-R Datasheet
200Kb / 6P
QUAD 2-INPUT EXCLUSIVE OR GATE
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
QUAD 2-INPUT EXCLUSIVE OR GATE
More results

Similar Description - U74LVC86AL-P14-R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
Quad 2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Unisonic Technologies
U74LVC2G02 UTC-U74LVC2G02 Datasheet
165Kb / 5P
The UTC U74LVC2G02 is a dual 2-input positive-NOR gate which provides the function Y=AB or Y=AB .
logo
Texas Instruments
SN74AHCT1G04DCKR TI-SN74AHCT1G04DCKR Datasheet
867Kb / 13P
The SN74AHCT1G04 contains one gate. The device performs the Boolean function Y = A.
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
QUAD 2-INPUT EXCLUSIVE OR GATE
logo
ON Semiconductor
NC7SV86 ONSEMI-NC7SV86 Datasheet
390Kb / 11P
ULP-A 2-Input Exclusive-OR Gate
Revised March 2004
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com