Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G19L-AL6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC1G19L-AL6-R
Description  The U74LVC1G19 is a 1-of-2 decoder / demultiplexer with a common output enable.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G19L-AL6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC1G19L-AL6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G19L-AL6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G19L-AL6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G19L-AL6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G19L-AL6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC2G19
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-792.A
1-OF-2
DECODER/DEMULTIPLEXER
DESCRIPTION
The U74LVC1G19 is a 1-of-2 decoder / demultiplexer with a
common output enable. This device buffers the data on input A and
passes it to the outputs 1Y and 2Y when the enable input signal is
LOW.
This device is fully specified for partial power-down applications
using Ioff. The Ioff circuitry disables the outputs, preventing the
damaging backflow current through the device when it is powered
down.
FEATURES
* Operate from 1.65V to 5.5V
* Inputs accept voltages to 5.5V
* Low power dissipation, ICC=10μA (Max)
* ±24mA output drive(VCC=3V)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LVC1G19L-AL6-R
U74LVC1G19G-AL6-R
SOT-363
Tape Reel
U74LVC1G19L-AL6-R
(1)Packing Type
(2)Package Type
(3)Lead Free
(1) R: Tape Reel
(2) AL6: SOT-363
(3) Halogen Free, L: Lead Free
MARKING


Similar Part No. - U74LVC1G19L-AL6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G19L-AL6-R UTC-U74LVC1G19L-AL6-R Datasheet
161Kb / 5P
1-OF-2 DECODER/DEMULTIPLEXER
U74LVC1G19L-AL6-R UTC-U74LVC1G19L-AL6-R Datasheet
161Kb / 5P
DECODER/DEMULTIPLEXER
More results

Similar Description - U74LVC1G19L-AL6-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G19 PHILIPS-74LVC1G19 Datasheet
83Kb / 14P
1-of-2 decoder/demultiplexer
2004 Oct 18
logo
Fairchild Semiconductor
NC7SV19 FAIRCHILD-NC7SV19 Datasheet
177Kb / 9P
TinyLogic ULP-A 1-of-2 Decoder/Demultiplexer
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
logo
NXP Semiconductors
74LVC1G19 NXP-74LVC1G19 Datasheet
82Kb / 15P
1-of-2 decoder/demultiplexer
Rev. 04-27 August 2007
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19_10 Datasheet
855Kb / 19P
1-OF-2 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74LVC1G19GW.125 NXP-74LVC1G19GW.125 Datasheet
126Kb / 18P
1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
logo
Unisonic Technologies
U74LVC1G19 UTC-U74LVC1G19 Datasheet
161Kb / 5P
1-OF-2 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
NC7SV19 ONSEMI-NC7SV19 Datasheet
284Kb / 11P
TinyLogic ULP-A 1-of-2 Decoder/Demultiplexer
Revised March 2004
logo
Nexperia B.V. All right...
74LVC1G19-Q100 NEXPERIA-74LVC1G19-Q100 Datasheet
758Kb / 12P
1-of-2 decoder/demultiplexer
74LVC1G19 NEXPERIA-74LVC1G19 Datasheet
244Kb / 16P
1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com