Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G66G-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC1G66G-AF5-R
Description  The U74LVC1G66 is a high-speed CMOS device.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G66G-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC1G66G-AF5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G66G-AF5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G66G-AF5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G66G-AF5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G66G-AF5-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G66G-AF5-R Datasheet HTML 6Page - Unisonic Technologies U74LVC1G66G-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
U74LVC1G66
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-794.A
STATIC CHARACTERISTICS(Cont.) (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ON-resistance(rail)
RON(rail) VI =GND or VCC
VCC=1.65V, IS=4mA
12
30
Ω
VCC=2.3V, IS=8mA
9
20
VCC=3V, IS=24mA
7.5
15
VCC=4.5V, IS=32mA
5.5
10
ON-resistance(peak)
RON(peak) VI =GND or VCC
VCC=1.65V, IS=4mA
74.5
120
Ω
VCC=2.3V, IS=8mA
20
30
VCC=3V, IS=24mA
11.5
20
VCC=4.5V, IS=32mA
7.5
15
On-state Switch Leakage Current
IS (ON)
VI = VCC or GND, VC =VIH, VO = Open,
VCC=5.5V
±1
uA
Off-state Switch Leakage Current
IS(off)
VI = VCC and VO= GND or VI = GND
and VO = VCC, VC =VIL, VCC=5.5V
±1
uA
Control input current
II(CTL)
VC = VCC or GND, VCC=5.5V
±1
uA
Quiescent Supply Current
ICC
VC = VCC or GND, VCC=5.5V
10
uA
Additional Quiescent Supply
Current
ΔICC
VC = VCC -0.6V, VCC=5.5V
500
uA
Cic Control input capacitance
CIC
VCC=5V
2
pF
Cio(off) Switch input/output
capacitance
COFF
VCC=5V
6
pF
Cio(on) Switch input/output
capacitance
CON
VCC=5V
13
pF
ANALOG SWITCH CHARACTERISTICS
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
TYP
UNIT
Frequency response(1)
(switch ON)
A or B
B or A
CL=50pF,RL=600Ω,
FIN=sine wave
VCC=1.65V
35
MHz
VCC=2.3
120
VCC=3V
175
VCC=4.5V
195
CL =5pF, RL =50Ω,
FIN =sine wave
VCC=1.65V
>300
VCC=2.3V
>300
VCC=3V
>300
VCC=4.5V
>300
Crosstalk
(control input to signal output)
C
A or B
CL =50pF, RL =600Ω,
FIN =1MHZ(square wave)
VCC=1.65V
35
mV
VCC=2.3V
50
VCC=3V
70
VCC=4.5V
100
Feedthrough attenuation(2)
(switch OFF)
A or B
B or A
CL =50pF, RL =600Ω,
FIN =1MHZ(sine wave)
VCC=1.65V
-58
dB
VCC=2.3V
-58
VCC=3V
-58
VCC=4.5V
-58
CL =5pF, RL =50Ω,
FIN =1MHz(sine wave)
VCC=1.65V
-42
VCC=2.3V
-42
VCC=3V
-42
VCC=4.5V
-42



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com