Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G66G-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC1G66G-AF5-R
Description  The U74LVC1G66 is a high-speed CMOS device.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G66G-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC1G66G-AF5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G66G-AF5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G66G-AF5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G66G-AF5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G66G-AF5-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G66G-AF5-R Datasheet HTML 6Page - Unisonic Technologies U74LVC1G66G-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC1G66
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-794.A
SINGLE BILATRAL ANALOG
SWITCH
DESCRIPTION
The U74LVC1G66 is a high-speed CMOS device.
The U74LVC1G66 has two data input/output pins(A and B) and
an active HIGH enable input pin(C) .
The U74LVC1G66 can handle both analog and digital signals.
The signals can be transmitted in either direction when enable pin is
high . The analog switch is off when enable pin is low.
FEATURES
* Operation Voltage Range: 1.65~5.5V
* Low Power Dissipation: ICC=10μA(Max)
* Inputs Accept Voltages to 5.5V
* Max Tpd of 0.8 ns at 3.3V
* High Degree of Linearity
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LVC1G66L-AF5-R
U74LVC1G66G-AF5-R
SOT-25
Tape Reel
U74LVC1G66L-AL5-R
U74LVC1G66G-AL5-R
SOT-353
Tape Reel


Similar Part No. - U74LVC1G66G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G66G-AF5-R UTC-U74LVC1G66G-AF5-R Datasheet
194Kb / 7P
SINGLE BILATRAL ANALOG SWITCH
More results

Similar Description - U74LVC1G66G-AF5-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC2G00 PHILIPS-74AHC2G00 Datasheet
94Kb / 17P
The 74AHC2G/AHCT2G00 is a high-speed Si-gate CMOS device
2004 Jan 21
logo
List of Unclassifed Man...
F29C51004T ETC1-F29C51004T Datasheet
100Kb / 16P
The F29C51004T/F29C51004B is a high speed 524,288 x 8 bit CMOS flash memory
logo
Freescale Semiconductor...
DSPA56371 FREESCALE-DSPA56371 Datasheet
1Mb / 124P
The DSP56371 is a high density CMOS device with 5.0-volt compatible inputs and outputs.
logo
ON Semiconductor
MC74VHC1G50DFT2G ONSEMI-MC74VHC1G50DFT2G Datasheet
250Kb / 8P
The MC74VHC1G50 is an advanced high speed CMOS buffer
March, 2006 -- Rev. 12
logo
Freescale Semiconductor...
DSPB56374AE FREESCALE-DSPB56374AE Datasheet
1Mb / 64P
The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
logo
STMicroelectronics
AN2808 STMICROELECTRONICS-AN2808 Datasheet
2Mb / 40P
The PM6670S device is a complete
14-Nov-2008
logo
Nexperia B.V. All right...
74AHC1GU04-Q100 NEXPERIA-74AHC1GU04-Q100 Datasheet
703Kb / 13P
The 74AHC1GU04-Q100 is a high-speed Si-gate CMOS device. It provides an inverting single stage function
logo
Shenzhen Huazhimei Semi...
HM74HC138D HMSEMI-HM74HC138D Datasheet
528Kb / 6P
high-speed CMOS device
logo
NXP Semiconductors
DSP56374 NXP-DSP56374 Datasheet
1Mb / 64P
The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
Rev. 4.2, 1/2007
DSP56371 NXP-DSP56371 Datasheet
1Mb / 68P
The DSP56371 is a high density CMOS device with 5.0-V compatible inputs and outputs
Rev. 4.1, 1/2007
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com