Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G79L-AL5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC1G79L-AL5-R
Description  SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G79L-AL5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC1G79L-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G79L-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G79L-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G79L-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G79L-AL5-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G79L-AL5-R Datasheet HTML 6Page - Unisonic Technologies U74LVC1G79L-AL5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC1G79
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-803.A
SINGLE
POSITIVE-EDGE-TRIGGERED
D-TYPE FLIP-FLOP
DESCRIPTION
The U74LVC1G79 is a single positive-edge-triggered D-type
flip-flop.
When data at the data input (D) meets the set-up time
requirements, the data is transferred to the outputs (Q) on the
positive-going edge of the clock pulse. Following the hold-time
interval, data at the D input can be changed without affecting the
level at the outputs.
This device has power-down protective circuit, preventing device
destruction when it is powered down.
FEATURES
* Operate from 1.65V to 5.5V
* Inputs accept voltages to 5.5V
* Ioff supports partial-power-down mode
* Low power dissipation: ICC=10μA (Max.)
* ±24mA output drive(VCC=3.3V)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free Plating
Halogen Free
U74LVC1G79L-AL5-R
U74LVC1G79G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U74LVC1G79L-AL5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G74 UTC-U74LVC1G74 Datasheet
185Kb / 7P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
U74LVC1G74G-S08-R UTC-U74LVC1G74G-S08-R Datasheet
185Kb / 7P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
U74LVC1G74G-S08-R UTC-U74LVC1G74G-S08-R Datasheet
196Kb / 7P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
U74LVC1G74G-S08-T UTC-U74LVC1G74G-S08-T Datasheet
185Kb / 7P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
U74LVC1G74L-S08-R UTC-U74LVC1G74L-S08-R Datasheet
185Kb / 7P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results

Similar Description - U74LVC1G79L-AL5-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G79 TI-SN74LVC1G79 Datasheet
431Kb / 14P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
STMicroelectronics
74V1T79 STMICROELECTRONICS-74V1T79 Datasheet
111Kb / 9P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
Apr-2004
74V1G80 STMICROELECTRONICS-74V1G80 Datasheet
200Kb / 10P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
2001-Jul
74V1T80 STMICROELECTRONICS-74V1T80 Datasheet
121Kb / 9P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
Apr-2004
logo
Texas Instruments
SN74AUC1G74 TI-SN74AUC1G74_08 Datasheet
637Kb / 15P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
RD74LVC1G79 RENESAS-RD74LVC1G79 Datasheet
2Mb / 9P
Single Positive Edge-triggered D-type Flip Flop
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G79-EP TI1-SN74LVC1G79-EP Datasheet
373Kb / 11P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G79 RENESAS-HD74ALVC1G79_15 Datasheet
118Kb / 13P
Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G80-Q1 TI1-SN74LVC1G80-Q1 Datasheet
881Kb / 23P
Single Positive-Edge-Triggered D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com