Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G99L-SM1-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC1G99L-SM1-R
Description  ULTRA-CONFIGURABLE MULTIPLE- FUMCTION GATE WITH 3-STATE OUTPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G99L-SM1-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC1G99L-SM1-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G99L-SM1-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G99L-SM1-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G99L-SM1-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G99L-SM1-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G99L-SM1-R Datasheet HTML 6Page - Unisonic Technologies U74LVC1G99L-SM1-R Datasheet HTML 7Page - Unisonic Technologies U74LVC1G99L-SM1-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC1G99
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-798.A
ULTRA-CONFIGURABLE
MULTIPLE- FUMCTION GATE
WITH 3-STATE OUTPUT
DESCRIPTION
The U74LVC1G99 is a configurable multiple functions with
3-state output device, and when output-enable (OE) input is
high ,the output is disabled, when OE is low, the output state is
determined by 16 patterns of 4-bit input. The user can choose
different logic functions
Such as AND ,OR ,NAND ,NOR ,XOR ,XNOR,MUX, inverter, and
buffer, by changing the inputs’ logic state. All inputs can be
connected to VCC or GND.
The device have different input threshold levels for positive-
going (VT+) and negative-going(VT-) signals because of the
Schmitt-trigger action in the input.
This device has power-down protective circuit, preventing device
destruction when it is powered down.
FEATURES
* Operate from 1.65V to 5.5V
* Inputs accept voltages to 5.5V
* All inputs have Schmitt-trigger action
* Ioff supports partial-power-down mode
* Low power dissipation: ICC=10μA(Max.)
* Max tPD of 6.7 ns at 3.3V
* ±24mA output drive(VCC=3.3V)
* Offers nine different logic functions in a single package
SOP-8
MSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LVC1G99L-S08-R
U74LVC1G99G-S08-R
SOP-8
Tape Reel
U74LVC1G99L-S08-T
U74LVC1G99G-S08-T
SOP-8
Tube
U74LVC1G99L-SM1-R
U74LVC1G99G-SM1-R
MSOP-8
Tape Reel
U74LVC1G99L-SM1-T
U74LVC1G99G-SM1-T
MSOP-8
Tube


Similar Part No. - U74LVC1G99L-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G99L-SM1-R UTC-U74LVC1G99L-SM1-R Datasheet
229Kb / 8P
ULTRA-CONFIGURABLE MULTIPLE- FUMCTION GATE
More results

Similar Description - U74LVC1G99L-SM1-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G99 TI-SN74LVC1G99 Datasheet
399Kb / 18P
ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVC1G99 NXP-74LVC1G99 Datasheet
137Kb / 26P
Ultra-configurable multiple function gate; 3-state
Rev. 01-3 January 2008
74LVC1G99 NXP-74LVC1G99_10 Datasheet
245Kb / 29P
Ultra-configurable multiple function gate; 3-state
Rev. 04-16 April 2010
logo
Texas Instruments
SN74AUP1G99 TI-SN74AUP1G99_09 Datasheet
629Kb / 24P
LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
SN74LVC1G99-Q1 TI1-SN74LVC1G99-Q1 Datasheet
478Kb / 17P
ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74LVC1G99 UTC-U74LVC1G99_15 Datasheet
229Kb / 8P
ULTRA-CONFIGURABLE MULTIPLE- FUMCTION GATE
logo
Texas Instruments
SN74LVC1G99 TI1-SN74LVC1G99_15 Datasheet
954Kb / 24P
Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99_16 Datasheet
954Kb / 24P
Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99_18 Datasheet
1,007Kb / 25P
Ultra-Configurable Multiple-Function Gate With 3-State Output
logo
Nexperia B.V. All right...
74LVC1G99 NEXPERIA-74LVC1G99 Datasheet
334Kb / 25P
Ultra-configurable multiple function gate; 3-state
Rev. 11 - 25 July 2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com