Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L1528-EVAL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8L1528-EVAL
Description  STM8L1528-EVAL evaluation board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L1528-EVAL Datasheet(HTML) 1 Page - STMicroelectronics

  STM8L1528-EVAL Datasheet HTML 1Page - STMicroelectronics STM8L1528-EVAL Datasheet HTML 2Page - STMicroelectronics STM8L1528-EVAL Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
December 2010
Doc ID 18310 Rev 1
1/3
3
STM8L1528-EVAL
STM8L1528-EVAL evaluation board
Features
■ Three 5 V power supply options: Power jack,
ST-LINK/V2 USB connector or daughter board
■ Audio speaker and microphone connected to
DAC and ADC of STM8L152M8T6
■ 1G Byte (or more) SPI interface MicroSD card
■ 128 Mbit SPI serial Flash
■ I2C compatible serial interface 64 Kbit
EEPROM and SMBus temperature sensor
■ RS232 communication
■ IrDA transceiver
■ Inductor Motor Control connector
■ SWIM debug support, embedded ST-LINK/V2
■ 122x32 Dot matrix LCD connected to SPI
interface of STM8L152M8T6
■ Joystick with 4-direction control and selector
■ Reset, Tamper and User button
■ Two touch-sensing buttons
■ 4 color LEDs and one bi-color LED
■ MCU consumption measurement circuit
■ LCD glass (40seg x 8com) connected to the
on-chip LCD driver of the MCU
■ Extension connector for daughter board or
wrapping board
■ MCU voltage selectable to 3.3 V or adjustable
from 1.65 V to 3.6 V
■ IR LED and receiver
Description
The STM8L1528-EVAL evaluation board is
designed as a complete demonstration and
development platform for the STM8 core based
STM8L152M8T6 microcontroller with I2C, two
SPI channels 3 USART channels, 12-bit ADC, two
12-bit DACs, LCD driver, internal 4 KByte SRAM,
2 Kbyte data EEPROM and 64 KByte Flash
program memory as well as SWIM debugging
support.
The full range of hardware features on the board
is provided to help you evaluate all the MCU
peripherals (motor control, USART, microphone,
audio DAC, LCD, IR LED, IrDA, SPI Flash,
MicroSD card, temperature sensor, EEPROM…
etc.) and develop your own applications.
Extension headers make it possible to easily
connect a daughter board or wrapping board for
your specific application.
An ST-LINK/V2 is integrated on the board as
embedded in-circuit debugger and programmer
for the STM8 MCU.
Table 1.
Device summary
Part number
Reference
STM8L1528-EVAL
STM8L1528-EVAL evaluation
board
www.st.com


Similar Part No. - STM8L1528-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L1526-EVAL STMICROELECTRONICS-STM8L1526-EVAL Datasheet
96Kb / 3P
STM8L1526-EVAL evaluation board
09-Aug-2010
STM8L1526PRIM-D STMICROELECTRONICS-STM8L1526PRIM-D Datasheet
265Kb / 7P
Raisonance STM32 and STM8 Primers for fun, easy evaluation and development with STM32 and STM8
14-Oct-2013
STM8L1526PRIMER STMICROELECTRONICS-STM8L1526PRIMER Datasheet
265Kb / 7P
Raisonance STM32 and STM8 Primers for fun, easy evaluation and development with STM32 and STM8
14-Oct-2013
STM8L152C4 STMICROELECTRONICS-STM8L152C4 Datasheet
1Mb / 101P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
10-Sep-2009
STM8L152C4 STMICROELECTRONICS-STM8L152C4 Datasheet
1Mb / 142P
Advanced STM8 core
07-Apr-2017
More results

Similar Description - STM8L1528-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L101-EVAL STMICROELECTRONICS-STM8L101-EVAL Datasheet
152Kb / 4P
STM8L101-EVAL evaluation board
02-Aug-2010
STM32L152-EVAL STMICROELECTRONICS-STM32L152-EVAL Datasheet
100Kb / 3P
STM32L152-EVAL evaluation board
07-Jan-2010
STM3210B-EVAL STMICROELECTRONICS-STM3210B-EVAL Datasheet
192Kb / 3P
STM3210B-EVAL evaluation board
09-Aug-2010
STM3240G-EVAL STMICROELECTRONICS-STM3240G-EVAL Datasheet
186Kb / 3P
STM3240G-EVAL evaluation board
15-Sep-2011
STM32100B-EVAL STMICROELECTRONICS-STM32100B-EVAL Datasheet
130Kb / 3P
STM32100B-EVAL evaluation board
09-Aug-2010
STM320518-EVAL STMICROELECTRONICS-STM320518-EVAL Datasheet
95Kb / 3P
STM320518-EVAL evaluation board
23-Apr-2012
STR750-EVAL STMICROELECTRONICS-STR750-EVAL Datasheet
136Kb / 4P
STR750-EVAL evaluation board
25-Oct-2010
UM1037 STMICROELECTRONICS-UM1037 Datasheet
858Kb / 46P
STM8L1528-EVAL evaluation board
10-Dec-2010
UM1018 STMICROELECTRONICS-UM1018 Datasheet
1Mb / 42P
STM32L152-EVAL evaluation board
14-Nov-2011
EVAL-L9907 STMICROELECTRONICS-EVAL-L9907 Datasheet
9Mb / 5P
EVAL-L9907 Evaluation Board
April 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com