Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32100E-EVAL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32100E-EVAL
Description  STM32100E-EVAL evaluation board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32100E-EVAL Datasheet(HTML) 1 Page - STMicroelectronics

  STM32100E-EVAL Datasheet HTML 1Page - STMicroelectronics STM32100E-EVAL Datasheet HTML 2Page - STMicroelectronics STM32100E-EVAL Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
March 2011
Doc ID 018496 Rev 1
1/3
3
STM32100E-EVAL
STM32100E-EVAL evaluation board
Features
■ Three 5V power supply options:
–Power jack
– ST-LINK/V2 connector
– Daughterboard
■ Boot from user Flash, system memory or
SRAM
■ 1 Gbyte (or more) MicroSD card
■ 16 Mbytes of serial Flash memory
■ 2 Mbytes of SRAM
■ 64 Kbits of EEPROM
■ Embedded ST-LINK/V2 debugger and
programmer
■ I2C/SMBus compatible serial interface
temperature sensor
■ 2-channel RS-232 communication interface
with RTS/CTS handshake support on one
channel
■ 1-channel RS-485 communication interface
sharing the USART1 connector
■ Extension connector for daughterboard or
wrapping board
■ IrDA transceiver
■ IR receiver
■ Inductor motor control connector
■ HDMI with CEC connection
■ JTAG and SWD debug support
■ 3.2" TFT color LCD with touch screen
■ Joystick with 4-direction control and selector
■ Reset, wakeup, tamper and user buttons
■ 4 LEDs
■ Speaker
■ RTC with backup battery
■ HDMI with CEC connection
Description
The STM32100E-EVAL evaluation board is
designed as a complete development platform for
the STMicroelectronics ARM® Cortex-M3 core-
based STM32F100 microcontroller.
A full range of hardware features helps you
evaluate all peripherals (HDMI CEC, SRAM,
motor control, LCD, MicroSD card, Serial Flash,
EEPROM, temperature sensor, speaker, IrDA,
RS-232 and RS-485 interfaces) and develop your
own applications.
Extension headers facilitate the connection of a
daughterboard or wrapping board for your specific
application.
The in-circuit ST-LINK/V2 tool can be easily used
for JTAG and SWD interface debugging and
programming.
www.st.com


Similar Part No. - STM32100E-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32100B-EVAL STMICROELECTRONICS-STM32100B-EVAL Datasheet
130Kb / 3P
STM32100B-EVAL evaluation board
09-Aug-2010
STM32100B-MCKIT STMICROELECTRONICS-STM32100B-MCKIT Datasheet
56Kb / 3P
Motor control starter kit
01-Sep-2011
More results

Similar Description - STM32100E-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L101-EVAL STMICROELECTRONICS-STM8L101-EVAL Datasheet
152Kb / 4P
STM8L101-EVAL evaluation board
02-Aug-2010
STM32L152-EVAL STMICROELECTRONICS-STM32L152-EVAL Datasheet
100Kb / 3P
STM32L152-EVAL evaluation board
07-Jan-2010
STM3210B-EVAL STMICROELECTRONICS-STM3210B-EVAL Datasheet
192Kb / 3P
STM3210B-EVAL evaluation board
09-Aug-2010
STM3220G-EVAL STMICROELECTRONICS-STM3220G-EVAL Datasheet
233Kb / 3P
STM3220G-EVAL evaluation board
24-Mar-2011
STM3240G-EVAL STMICROELECTRONICS-STM3240G-EVAL Datasheet
186Kb / 3P
STM3240G-EVAL evaluation board
15-Sep-2011
STM32100B-EVAL STMICROELECTRONICS-STM32100B-EVAL Datasheet
130Kb / 3P
STM32100B-EVAL evaluation board
09-Aug-2010
STM320518-EVAL STMICROELECTRONICS-STM320518-EVAL Datasheet
95Kb / 3P
STM320518-EVAL evaluation board
23-Apr-2012
STR750-EVAL STMICROELECTRONICS-STR750-EVAL Datasheet
136Kb / 4P
STR750-EVAL evaluation board
25-Oct-2010
UM1018 STMICROELECTRONICS-UM1018 Datasheet
1Mb / 42P
STM32L152-EVAL evaluation board
14-Nov-2011
EVAL-L9907 STMICROELECTRONICS-EVAL-L9907 Datasheet
9Mb / 5P
EVAL-L9907 Evaluation Board
April 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com