Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40106L-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # CD40106L-S14-R
Description  HEX SCHMITT TRIGGERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD40106L-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  CD40106L-S14-R Datasheet HTML 1Page - Unisonic Technologies CD40106L-S14-R Datasheet HTML 2Page - Unisonic Technologies CD40106L-S14-R Datasheet HTML 3Page - Unisonic Technologies CD40106L-S14-R Datasheet HTML 4Page - Unisonic Technologies CD40106L-S14-R Datasheet HTML 5Page - Unisonic Technologies CD40106L-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CD40106
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-815.a
ABSOLUTE MAXIMUM RATING (TA =25°C, unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 20
V
Input Voltage
VIN
-0.5~ VCC+0.5
V
DC Input Current, Any One Input
IIN
±10
mA
Power Dissipation
PD
500
mW
Storage Temperature
TSTG
-65 ~ +150
°C
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage
VCC
Operating
3
18
V
Input Voltage
VIN
0
VCC
V
Operating Temperature
TOPR
-40
+85
°C
STATIC CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Positive-Going Input Threshold
Voltage
VT+
VCC=5V
2.2
2.9
3.6
V
VCC=10V
4.6
5.9
7.1
VCC=15V
6.6
8.8
10.8
Negative-Going Input Threshold
Voltage
VT-
VCC=5V
0.9
1.9
2.8
V
VCC=10V
2.5
3.9
5.2
VCC=15V
4.0.
5.8
7.4
Hysteresis Voltage (VT+-VT-)
(see figure 3)
ΔVT
VCC=5V
0.3
0.9
1.6
V
VCC=10V
1.2
2.3
3.6
VCC=15V
1.6
3.5
5.0
High-Level Output Voltage
VOH
VCC=5V, |IO| <1uA
4.95
5
V
VCC=10V, |IO| <1uA
9.95
10
VCC=15V, |IO| <1uA
15.95
15
Low-Level Output Voltage
VOL
VCC=5V, |IO| <1uA
0
0.05
V
VCC=10V, |IO| <1uA
0
0.05
VCC=15V, |IO| <1uA
0
0.05
High-level Output Current
IOH
VCC=5V, VO=4.6V
-0.51
-1
mA
VCC=5V, VO=2.5V
-1.6
-3.2
VCC=10V, VO=9.5V
-1.3
-2.6
VCC=15V, VO=13.5V
-3.4
-6.8
Low-level Output Current
IOL
VCC=5V, VO=0.4V
0.51
1.0
mA
VCC=10V, VO=0.5V
1.3
2.6
VCC=15V, VO=1.5V
3.4
6.8
Input Leakage Current
II(LEAK)
VCC=18V, VIN=VCC or GND
±0.01 ±100
nA
Quiescent Supply Current
IDD
VCC=5V, VIN= VCC or GND, IOUT=0
0.02
1
uA
VCC=10V, VIN= VCC or GND, IOUT=0
0.02
2
VCC=15V, VIN= VCC or GND, IOUT=0
0.02
4
VCC=20V, VIN= VCC or GND, IOUT=0
0.04
20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com