Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40106L-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # CD40106L-S14-R
Description  HEX SCHMITT TRIGGERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD40106L-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  CD40106L-S14-R Datasheet HTML 1Page - Unisonic Technologies CD40106L-S14-R Datasheet HTML 2Page - Unisonic Technologies CD40106L-S14-R Datasheet HTML 3Page - Unisonic Technologies CD40106L-S14-R Datasheet HTML 4Page - Unisonic Technologies CD40106L-S14-R Datasheet HTML 5Page - Unisonic Technologies CD40106L-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CD40106
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-815.a
DYNAMIC CHARACTERISTICS (TA =25°C, unless otherwise specified; Input: tR, tF=20ns)
See Fig. 1 and Fig. 2 for test circuit and waveforms.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Propagation delay from input
(A) to output(Y)
tPLH/tPHL
VCC=5V, CL=50Pf, RL=200KΩ
140
280
ns
VCC=10V, CL=50Pf, RL=200KΩ
70
140
VCC=15V, CL=50Pf, RL=200KΩ
60
120
Output Transition Time
tTLH/tTHL
VCC=5V, CL=50Pf, RL=200KΩ
100
200
ns
VCC=10V, CL=50Pf, RL=200KΩ
50
100
VCC=15V, CL=50Pf, RL=200KΩ
40
80
OPERATING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Average Input Capacitance
CIN
Any Input
5
7.5
pF
Power Dissipation Capacitance
Cpd
Any Gate
14
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com