Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IPE015V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IPE015V1
Description  Single-phase energy metering demonstration board with two current transformers based on the STPM10
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IPE015V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IPE015V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IPE015V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IPE015V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IPE015V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
December 2011
Doc ID 022627 Rev 1
1/4
4
STEVAL-IPE015V1
Single-phase energy metering demonstration board with
two current transformers based on the STPM10
Features
■ Single-phase, class 0.5 accuracy
■ Vnom(RMS) = 140 to 300 V, Inom/Imax(RMS) =
2/20 A, flin = 45 to 65 Hz
■ Tamper detection for power line systems
■ Capacitive power supply
■ SPI interface connector
■ RoHS compliant
Description
The STEVAL-IPE015V1 demonstration board is a
class 0.5, single-phase microprocessor-based
meter with tamper detection for power line
systems of Vnom = 140 to 300 VRMS,
Inom / Imax = 2/20 ARMS, flin = 45 to 65 Hz and
Tamb = -40 to +85 °C.
A stepper motor display shows the values of the
energy measured by the standalone meter.
The tamper detection feature implements two
current transformers which monitor the live and
neutral wire currents.
The STEVAL-IPE015V1 demonstration has a
10-pin connector to be interfaced to a
microcontroller or to a PC through a parallel or
serial programmer for reading data.
STEVAL-IPE015V1
www.st.com


Similar Part No. - STEVAL-IPE015V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPE010V1 STMICROELECTRONICS-STEVAL-IPE010V1 Datasheet
99Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1 and STPMS1
June 2010 Rev 1
STEVAL-IPE010V2 STMICROELECTRONICS-STEVAL-IPE010V2 Datasheet
186Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1
15-Feb-2012
STEVAL-IPE011V1 STMICROELECTRONICS-STEVAL-IPE011V1 Datasheet
94Kb / 4P
Energy meter demonstration kit daughterboard based on the STPMS1
June 2010 Rev 1
STEVAL-IPE014V1 STMICROELECTRONICS-STEVAL-IPE014V1 Datasheet
126Kb / 4P
Isolation of current channel
03-Nov-2014
STEVAL-IPE016V1 STMICROELECTRONICS-STEVAL-IPE016V1 Datasheet
167Kb / 4P
Capacitive power supply
22-Dec-2011
More results

Similar Description - STEVAL-IPE015V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-IPE008V1 STMICROELECTRONICS-STEVAL-IPE008V1 Datasheet
287Kb / 8P
Energy meter (3-phase) demonstration board based on the STPM01 and STR715FR0
25-Nov-2008
STEVAL-IPE017V1 STMICROELECTRONICS-STEVAL-IPE017V1 Datasheet
169Kb / 4P
Single-phase energy metering demonstration board with one shunt resistor based on the STPM10
22-Dec-2011
STEVAL-IPE018V1 STMICROELECTRONICS-STEVAL-IPE018V1 Datasheet
174Kb / 4P
Single-phase energy metering demonstration board with one current transformer based on the STPM10
22-Dec-2011
AN4199 STMICROELECTRONICS-AN4199 Datasheet
2Mb / 23P
Two-layer demonstration board based on the STA333IS
01-Jul-2013
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
logo
Analog Devices
UG-194 AD-UG-194 Datasheet
2Mb / 20P
Evaluation Board for the ADE7953 Single Phase Energy Metering IC
Rev. A
logo
STMicroelectronics
STEVAL-IPE011V1 STMICROELECTRONICS-STEVAL-IPE011V1 Datasheet
94Kb / 4P
Energy meter demonstration kit daughterboard based on the STPMS1
June 2010 Rev 1
STEVAL-IPE010V2 STMICROELECTRONICS-STEVAL-IPE010V2 Datasheet
186Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1
15-Feb-2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com