Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-PCC009V3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STEVAL-PCC009V3
Description  S-Touch® product family interface demonstration board based on the STM32
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-PCC009V3 Datasheet(HTML) 4 Page - STMicroelectronics

  STEVAL-PCC009V3 Datasheet HTML 1Page - STMicroelectronics STEVAL-PCC009V3 Datasheet HTML 2Page - STMicroelectronics STEVAL-PCC009V3 Datasheet HTML 3Page - STMicroelectronics STEVAL-PCC009V3 Datasheet HTML 4Page - STMicroelectronics STEVAL-PCC009V3 Datasheet HTML 5Page - STMicroelectronics STEVAL-PCC009V3 Datasheet HTML 6Page - STMicroelectronics STEVAL-PCC009V3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Schematic diagrams
STEVAL-PCC009V3
4/7
Doc ID 022231 Rev 1
Figure 3.
Extension board interface
Figure 4.
MicroSD
PA2_TIM2_CH3_USART2_TX
GND
PA1_TIM2_CH2_USART2_RTS
PE3
PE1
PE10
PE8
PE14
PE12
PA4_USART2_CK
PA3_TIM2_CH4_USART2_RX
V_CON
PE4
PE2
PE11
PE9
PE13
PA0_WKUP_USART2_CTS
PA0_WKUP_USART2_CTS
PE1
PA1_TIM2_CH2_USART2_RTS
PE2
GND
GND
PA2_TIM2_CH3_USART2_TX
PA4_USART2_CK
PA3_TIM2_CH4_USART2_RX
PE0
GND
GND
PB6_I2C1_SCL
PB5_I2C1_SMBAI
PB8_TIM4_CH3
GND
PB7_I2C1_SDA
GND
PB9_TIM4_CH4
GND
PD8
PD12
PD14
GND
PC6
PC8
GND
PA9
PC10
PC12
PD0
PD2
PD9
PD11
PD13
PD15
V_CON
PC9
PA8
PA10
PC11
PC13_TAMPER
PD1
PD3
PE15
PD10
PE0
PD4
PC7
PD5
PD6
GND
PD7
J7
GENERIC_30PIN
J7
GENERIC_30PIN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
C16
100nF
C16
100nF
U6
ESDALC6V1M6
U6
ESDALC6V1M6
4
4
5
5
6
6
1
1
2
2
3
3
J4
GENERIC_30PIN
J4
GENERIC_30PIN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
C26
100nF
C26
100nF
U7
ESDALC6V1M6
U7
ESDALC6V1M6
4
4
5
5
6
6
1
1
2
2
3
3
AM10140V1
3V3
MICROSD_CD
PA6_SPI1_MISO
MICROSD_CS
PA7_SPI1_MOSI
PA5_SPI1_SCK
R23
100k
R23
100k
C24
4.7uF
C24
4.7uF
C25
100nF
C25
100nF
R22
500
R22
500
R20
100k
R20
100k
R24
100k
R24
100k
R21
(DNM)
R21
(DNM)
J8
MMC_CON
J8
MMC_CON
CS
2
DATA_IN 3
SCLK
5
DATA_OUT 7
RSV 8
RSV 1
COM
10
CD
9
AM10141V1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com