Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-PCC009V3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVAL-PCC009V3
Description  S-Touch® product family interface demonstration board based on the STM32
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-PCC009V3 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-PCC009V3 Datasheet HTML 1Page - STMicroelectronics STEVAL-PCC009V3 Datasheet HTML 2Page - STMicroelectronics STEVAL-PCC009V3 Datasheet HTML 3Page - STMicroelectronics STEVAL-PCC009V3 Datasheet HTML 4Page - STMicroelectronics STEVAL-PCC009V3 Datasheet HTML 5Page - STMicroelectronics STEVAL-PCC009V3 Datasheet HTML 6Page - STMicroelectronics STEVAL-PCC009V3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STEVAL-PCC009V3
Schematic diagrams
Doc ID 022231 Rev 1
5/7
Figure 5.
Analog interface
Figure 6.
Power supply
Figure 7.
JTAG interface
PE5
PE6
AGND
AGND
PC1_ADC12_IN11
PC0_ADC12_IN10
PC3_ADC12_IN13
AGND
PC2_ADC12_IN12
AGND
AGND
PC0_ADC12_IN10
PC1_ADC12_IN11
PC2_ADC12_IN12
PE6
PC3_ADC12_IN13
PE5
VDDA
U3
ESDALC6V1M6
U3
ESDALC6V1M6
4
4
5
5
6
6
1
1
2
2
3
3
U1
ESDALC6V1M3
U1
ESDALC6V1M3
1
1
2
2
3
3
J1
ANALOG_CONN
J1
ANALOG_CONN
1
2
3
4
5
6
7
8
9
10
AM10142V1
5V0
USBDM
3V3
3V3
V_CON
5V0
GND
3V3
3V3
3V3
5V0
GND
3V3
USBDP
3V3
PE7
C20
4.7nF
C20
4.7nF
R26
1k5
R26
1k5
C21
10uF
C21
10uF
D1
POWER
D1
POWER
R25
500
R25
500
Q1
2STR1215
Q1
2STR1215
U11
LD1117D33TR
U11
LD1117D33TR
VIN
4
NC 5
VOUT 6
GND
1
VOUT
2
VOUT
3
VOUT 7
NC 8
R18
1k5
R18
1k5
J5
CON9
J5
CON9
1
2
3
4
5
6
7
8
9
R19
1M
R19
1M
U9
USBLC6-2P6
U9
USBLC6-2P6
4
4
5
5
6
6
1
1
2
2
3
3
J6
CON3
J6
CON3
1
2
3
C28
4.7uF
C28
4.7uF
R27
1k5
R27
1k5
C23
4.7nF
C23
4.7nF
C22
100nF
C22
100nF
AM10143V1
PB3_TDO
RESET#
3V3
3V3
PA14_TCK
PA13_TMS
PB4_NTRST
PA15_TDI
3V3
J3
JTAG_20PIN
J3
JTAG_20PIN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
RN7
RESAR_IS_4/SM_10K
RN7
RESAR_IS_4/SM_10K
R14
10k
R14
10k
R17
10k
R17
10k
R16
10k
R16
10k
R15
10k
R15
10k
AM10144V1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com