Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP83508 Datasheet(PDF) 21 Page - Sony Corporation

Part # CXP83508
Description  CMOS 8-bit Single Chip Microcomputer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP83508 Datasheet(HTML) 21 Page - Sony Corporation

Back Button CXP83508 Datasheet HTML 17Page - Sony Corporation CXP83508 Datasheet HTML 18Page - Sony Corporation CXP83508 Datasheet HTML 19Page - Sony Corporation CXP83508 Datasheet HTML 20Page - Sony Corporation CXP83508 Datasheet HTML 21Page - Sony Corporation CXP83508 Datasheet HTML 22Page - Sony Corporation CXP83508 Datasheet HTML 23Page - Sony Corporation CXP83508 Datasheet HTML 24Page - Sony Corporation CXP83508 Datasheet HTML 25Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
– 21 –
CXP83508/83512/83516, CXP83509/83513/83517
Chip select transfer mode
(SCK = output mode)
Chip select transfer mode
(SCK = output mode)
Chip select transfer mode
Chip select transfer mode
Chip select transfer mode
Note 1)
tsys indicates the three values below according to the upper two bits (CPU clock selection) of the
clock control register (CLC: 00FEh).
tsys [ns] = 2000/fc (upper two bits = “00”), 4000/fc (upper two bits = “01”), 16000/fc (upper two bits = “11”)
Note 2) CS, SCK, SI and SO indicates CS0, SCK0, SI0 and SO0, respectively.
Note 3) The load condition for the SCK output mode, SO output delay time is 50pF.
Note 4) The value when Port B output buffer capability switching register (BUFB: 01F4h) selects buffer
capability to high.
Serial transfer (CH0)
(Ta = –20 to +75°C, VDD = 2.7 to 3.3V, Vss = 0V)
Item
CS
↓ → SCK
delay time
CS
↑ → SCK
float delay time
CS
↓ → SO
delay time
CS
↓ → SO
float delay time
CS high level width
SCK cycle time
SCK high and low
level widths
SI input setup time
(for SCK
↑)
SI input hold time
(for SCK
↑)
SCK
↓ → SO
delay time
tDCSK
tDCSKF
tDCSO
tDCSOF
tWHCS
tKCY
tKH
tKL
tSIK
tKSI
tKSO
SCK0
SCK0
SO0
SO0
CS0
SCK0
SCK0
SI0
SI0
SO0
Input mode
Output mode
Input mode
Output mode
SCK input mode
SCK output mode
SCK input mode
SCK output mode
SCK input mode
SCK output mode
ns
ns
ns
ns
ns
Symbol
Pin
Min.
tsys + 250
tsys + 200
tsys + 250
tsys + 200
tsys + 200
2
tsys + 200
16000/fc
tsys + 100
8000/fc – 150
–
tsys + 100
200
2
tsys + 100
100
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
2
tsys + 250
125
Max.
Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com