Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C02-125 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M24C02-125
Description  Automotive 16-Kbit, 8-Kbit, 4-Kbit and 2-Kbit serial I²C bus EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02-125 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M24C02-125 Datasheet HTML 2Page - STMicroelectronics M24C02-125 Datasheet HTML 3Page - STMicroelectronics M24C02-125 Datasheet HTML 4Page - STMicroelectronics M24C02-125 Datasheet HTML 5Page - STMicroelectronics M24C02-125 Datasheet HTML 6Page - STMicroelectronics M24C02-125 Datasheet HTML 7Page - STMicroelectronics M24C02-125 Datasheet HTML 8Page - STMicroelectronics M24C02-125 Datasheet HTML 9Page - STMicroelectronics M24C02-125 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Description
M24C16-125 M24C08-125 M24C04-125 M24C02-125
6/30
Doc ID 022564 Rev 1
1
Description
The devices are Electrically Erasable PROgrammable Memories (EEPROMs) organized as
as 2048x8 bits, 1024x8 bits, 512x8 bits, 256x8 bits (M24C16, M24C08, M24C04 and
M24C02).
The devices are compatible with all I²C modes up to 400 kHz and can operate with a supply
voltage range from 2.5 V up to 5.5 V. The devices are guaranteed over the -40°C/+125°C
temperature range and are compliant with the Automotive standard AEC-Q100 Grade 1.
Figure 1.
Logic diagram
Figure 2.
8-pin package connections (top view)
1.
NC = Not connected
2.
See Section 7: Package mechanical data for package dimensions, and how to identify pin-1.
Table 1.
Signal names
Signal name
Function
Direction
E0, E1, E2
Chip Enable
Input
SDA
Serial Data
Input/output
SCL
Serial Clock
Input
WC
Write Control
Input
VCC
Supply voltage
VSS
Ground
AI02033
3
E0-E2
SDA
VCC
M24Cxx
WC
SCL
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com