Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C02-125 Datasheet(PDF) 28 Page - STMicroelectronics

Part # M24C02-125
Description  Automotive 16-Kbit, 8-Kbit, 4-Kbit and 2-Kbit serial I²C bus EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02-125 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M24C02-125 Datasheet HTML 22Page - STMicroelectronics M24C02-125 Datasheet HTML 23Page - STMicroelectronics M24C02-125 Datasheet HTML 24Page - STMicroelectronics M24C02-125 Datasheet HTML 25Page - STMicroelectronics M24C02-125 Datasheet HTML 26Page - STMicroelectronics M24C02-125 Datasheet HTML 27Page - STMicroelectronics M24C02-125 Datasheet HTML 28Page - STMicroelectronics M24C02-125 Datasheet HTML 29Page - STMicroelectronics M24C02-125 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Part numbering
M24C16-125 M24C08-125 M24C04-125 M24C02-125
28/30
Doc ID 022564 Rev 1
8
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
Table 13.
Ordering information scheme
Example:
M24C16
W DW 3
T
P /S
Device type
M24 = I2C serial access EEPROM
Device Function
16 = 16 Kbit (2048 x 8)
08 = 8 Kbit (1024 x 8)
04 = 4 Kbit (512 x 8)
02 = 2 Kbit (256 x 8)
Operating voltage
W = VCC = 2.5 V to 5.5 V (400 kHz)
Package
MN = SO8 (150 mil width)
DW = TSSOP8 (169 mil width)
Device grade
3 = Automotive: device tested with high reliability certified flow over –40 to 125 °C
Option
T = Tape and reel packing
Plating technology
P = ECOPACK® (RoHS compliant)
Process
/S = Manufacturing technology code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com