Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M01-R Datasheet(PDF) 26 Page - STMicroelectronics

Part # M24M01-R
Description  1-Mbit serial I²C bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-R Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M24M01-R_12 Datasheet HTML 22Page - STMicroelectronics M24M01-R_12 Datasheet HTML 23Page - STMicroelectronics M24M01-R_12 Datasheet HTML 24Page - STMicroelectronics M24M01-R_12 Datasheet HTML 25Page - STMicroelectronics M24M01-R_12 Datasheet HTML 26Page - STMicroelectronics M24M01-R_12 Datasheet HTML 27Page - STMicroelectronics M24M01-R_12 Datasheet HTML 28Page - STMicroelectronics M24M01-R_12 Datasheet HTML 29Page - STMicroelectronics M24M01-R_12 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
DC and AC parameters
M24M01-R M24M01-DF
26/38
Doc ID 12943 Rev 10
.
Table 12.
DC characteristics (M24M01-R, device grade 6)
Symbol
Parameter
Test conditions (in addition to
those in Table 6)
Min.
Max.
Unit
ILI
Input leakage current
(E1, E2, SCL, SDA)
VIN = VSS or VCC
device in Standby mode
± 2
µA
ILO
Output leakage current
SDA in Hi-Z, external voltage
applied on SDA: VSS or VCC
± 2
µA
ICC
Supply current (Read)
VCC = 1.8 V, fc= 400 kHz
1(1)
1.
Devices identified by process letter A or B offer ICC = 0.8 mA
mA
VCC = 2.5 V, fc =400 kHz
1
mA
VCC = 5.5 V, fc =400 kHz
1.5(2)
2.
The previous product identified by process letter A or B was specified with Icc(max) = 2 mA.
mA
fc= 1 MHz
1.5(3)
3.
Devices identified by process letter A or B offer ICC = 2.5 mA.
mA
ICC0
Supply current (Write)
During tW
2(4)(5)
4.
Characterized only, not tested in production.
5.
The previous product identified by process letter A or B was characterized with Icc0(max) = 5 mA.
mA
ICC1
Standby supply current
Device not selected,
VIN = VSS or VCC, VCC = 1.8 V
3(6)
6.
Devices identified by process letter A or B offer ICC1 = 1 µA.
µA
Device not selected,
VIN = VSS or VCC, VCC = 2.5 V
3(7)
7.
Devices identified by process letter A or B offer ICC1 = 2 µA.
µA
Device not selected,
VIN = VSS or VCC, VCC = 5.5 V
5(8)
8.
Devices identified by process letter A or B offer ICC1 = 3 µA.
µA
VIL
Input low voltage
(SCL, SDA, WC)
1.8 V
≤ VCC < 2.5 V
–0.45
0.25 VCC
V
2.5 V
≤ VCC < 5.5 V
–0.45
0.30 VCC
V
VIH
Input high voltage
(SCL, SDA)
1.8 V
≤ VCC < 2.5 V
0.75 VCC
VCC+1
v
2.5 V
≤ VCC < 5.5 V
0.70 VCC 0 VCC+1
v
VOL
Output low voltage
IOL = 1.0 mA, VCC = 1.8 V
0.2
V
IOL = 2.1 mA, VCC = 2.5 V
0.4
V
IOL = 3.0 mA, VCC = 5.5 V
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com