Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M01-R Datasheet(PDF) 37 Page - STMicroelectronics

Part # M24M01-R
Description  1-Mbit serial I²C bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-R Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M24M01-R_12 Datasheet HTML 30Page - STMicroelectronics M24M01-R_12 Datasheet HTML 31Page - STMicroelectronics M24M01-R_12 Datasheet HTML 32Page - STMicroelectronics M24M01-R_12 Datasheet HTML 33Page - STMicroelectronics M24M01-R_12 Datasheet HTML 34Page - STMicroelectronics M24M01-R_12 Datasheet HTML 35Page - STMicroelectronics M24M01-R_12 Datasheet HTML 36Page - STMicroelectronics M24M01-R_12 Datasheet HTML 37Page - STMicroelectronics M24M01-R_12 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
M24M01-R M24M01-DF
Revision history
Doc ID 12943 Rev 10
37/38
11
Revision history
Table 20.
Document revision history
Date
Revision
Changes
02-May-2011
8
Updated Features on page 1.
Updated Figure 3: WLCSP8 connections (bumps side view), Figure 5:
Maximum Rbus value versus bus parasitic capacitance (Cbus) for an
I2C bus at maximum frequency fC = 400 kHz and Figure 6: Maximum
Rbus value versus bus parasitic capacitance (Cbus) for an I2C bus at
maximum frequency fC = 1MHz.
Updated Table 10: DC characteristics (M24M01-R and M24M01-HR).
Updated footnote 5 of Table 14: AC characteristics at 1 MHz
(M24M01-HR).
Modified description of Write Control in Section 3.6: Write operations.
Replaced CL with Cbus in Table 7: AC measurement conditions.
Changed note 4 about tCLQV in Table 13: AC characteristics at
400 kHz (M24M01-R and M24M01-W).
23-Apr-2012
9
Datasheet split into:
– M24M01-R, M24M01-DF (this datasheet) for standard products
(range 6),
– M24M01-125 datasheet for automotive products (range 3).
26-Sep-2012
10
Updated:
– Section 5.2.2: Current Address Read
– Table 2: Device select code
– WLCSP package
Changed layout of Features.
Rephrased some parts of Section 5.1.2: Page Write, Section 5.2:
Read operations, Table 10: Cycling performance by groups of four
bytes and Table 11: Memory cell data retention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com