Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24256-DF Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24256-DF
Description  256-Kbit serial I²C bus EEPROM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-DF Datasheet(HTML) 1 Page - STMicroelectronics

  M24256-DF Datasheet HTML 1Page - STMicroelectronics M24256-DF Datasheet HTML 2Page - STMicroelectronics M24256-DF Datasheet HTML 3Page - STMicroelectronics M24256-DF Datasheet HTML 4Page - STMicroelectronics M24256-DF Datasheet HTML 5Page - STMicroelectronics M24256-DF Datasheet HTML 6Page - STMicroelectronics M24256-DF Datasheet HTML 7Page - STMicroelectronics M24256-DF Datasheet HTML 8Page - STMicroelectronics M24256-DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
This is information on a product in full production.
September 2012
Doc ID 6757 Rev 28
1/41
1
M24256-BW M24256-BR M24256-BF
M24256-DR M24256-DF
256-Kbit serial I²C bus EEPROM
Datasheet
−production data
Features
■ Compatible with all I2C bus modes:
–1 MHz
– 400 kHz
– 100 kHz
■ Memory array:
– 256 Kbit (32 Kbytes) of EEPROM
– Page size: 64 bytes
– Additional Write lockable page
(M24256-D order codes)
■ Single supply voltage and high speed:
– 1 MHz clock from 1.7 V to 5.5 V
■ Write:
– Byte Write within 5 ms
– Page Write within 5 ms
■ Operating temperature range: from -40 °C up
to +85 °C
■ Random and sequential Read modes
■ Write protect of the whole memory array
■ Enhanced ESD/Latch-Up protection
■ More than 4 million Write cycles
■ More than 200-year data retention
■ Packages:
– RoHS compliant and halogen-free
(ECOPACK®)
SO8 (MN)
150 mil width
TSSOP8 (DW)
169 mil width
UFDFPN8
(MC)
WLCSP (CS)
www.st.com


Similar Part No. - M24256-DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256-DF STMICROELECTRONICS-M24256-DF Datasheet
415Kb / 40P
256-Kbit serial I²C bus EEPROM
17-Dec-2012
M24256-DF STMICROELECTRONICS-M24256-DF Datasheet
716Kb / 39P
256-Kbit serial I짼C bus EEPROM
21-Feb-2014
More results

Similar Description - M24256-DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256-A STMICROELECTRONICS-M24256-A Datasheet
176Kb / 20P
256 Kbit Serial I C Bus EEPROM With Two Chip Enable Lines
09-Nov-2001
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
256 Kbit Serial SPI bus EEPROM with high speed clock
21-Oct-2004
M95256-DR STMICROELECTRONICS-M95256-DR Datasheet
504Kb / 48P
256 Kbit serial SPI bus EEPROM with high-speed clock
07-Sep-2010
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
256-Kbit serial I짼C bus EEPROM
17-Dec-2012
M24256-BFDW6TP STMICROELECTRONICS-M24256-BFDW6TP Datasheet
415Kb / 40P
256-Kbit serial I²C bus EEPROM
17-Dec-2012
M24256-BFMC6TG STMICROELECTRONICS-M24256-BFMC6TG Datasheet
716Kb / 39P
256-Kbit serial I짼C bus EEPROM
21-Feb-2014
M24256-DRE STMICROELECTRONICS-M24256-DRE Datasheet
1Mb / 41P
256-Kbit serial I²C bus EEPROM - 105°C operation
January 2015 Rev 1
M95256-DRE STMICROELECTRONICS-M95256-DRE Datasheet
750Kb / 41P
256-Kbit serial SPI bus EEPROM - 105 C Operation
09-Feb-2015
M24512-W STMICROELECTRONICS-M24512-W_V01 Datasheet
737Kb / 47P
512-Kbit serial I²C bus EEPROM
06-Oct-2020
M24C64P-FCU STMICROELECTRONICS-M24C64P-FCU Datasheet
631Kb / 36P
64-Kbit serial I²C bus EEPROM 4 balls CSP
10-Apr-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com