Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRI512 Datasheet(PDF) 42 Page - STMicroelectronics

Part # SRI512
Description  13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI512 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button SRI512_11 Datasheet HTML 38Page - STMicroelectronics SRI512_11 Datasheet HTML 39Page - STMicroelectronics SRI512_11 Datasheet HTML 40Page - STMicroelectronics SRI512_11 Datasheet HTML 41Page - STMicroelectronics SRI512_11 Datasheet HTML 42Page - STMicroelectronics SRI512_11 Datasheet HTML 43Page - STMicroelectronics SRI512_11 Datasheet HTML 44Page - STMicroelectronics SRI512_11 Datasheet HTML 45Page - STMicroelectronics SRI512_11 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
Part numbering
SRI512
42/47
Doc ID 13263 Rev 6
11
Part numbering
Note:
Devices are shipped from the factory with the memory content bits erased to 1.
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
Table 10.
Ordering information scheme
Example:
SRI512
–
W4
/ 1GE
Device type
SRI512
Package
W4 = 180 µm ± 15 µm unsawn wafer
SBN18 = 180 µm ± 15 µm bumped and sawn wafer on 8-inch frame
Customer code
1GE = generic product
xxx = customer code after personalization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com